Electronic Components Datasheet Search
  English  ▼

X  

AGLP030 Datasheet(PDF) 4 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 4 Page - Actel Corporation

  AGLP030_V01 Datasheet HTML 1Page - Actel Corporation AGLP030_V01 Datasheet HTML 2Page - Actel Corporation AGLP030_V01 Datasheet HTML 3Page - Actel Corporation AGLP030_V01 Datasheet HTML 4Page - Actel Corporation AGLP030_V01 Datasheet HTML 5Page - Actel Corporation AGLP030_V01 Datasheet HTML 6Page - Actel Corporation AGLP030_V01 Datasheet HTML 7Page - Actel Corporation AGLP030_V01 Datasheet HTML 8Page - Actel Corporation AGLP030_V01 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 128 page
background image
IGLOO PLUS Low Power Flash FPGAs
I V
R evis i o n 11
Temperature Grade Offerings
Contact your local Actel representative for device availability: http://www.actel.com/company/contact/default.aspx.
Package
AGLP030
AGLP060
AGLP125
CS201
C, I
C, I
–
CS281
––
C, I
CS289
C, IC, IC, I
VQ128
C, I
–
–
VQ176
–C, I–
Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature.
2. I = Industrial temperature range: –40°C to 85°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com