Electronic Components Datasheet Search
  English  ▼

X  

AGLP030 Datasheet(PDF) 22 Page - Actel Corporation

Part # AGLP030
Description  IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP030 Datasheet(HTML) 22 Page - Actel Corporation

Back Button AGLP030_V01 Datasheet HTML 18Page - Actel Corporation AGLP030_V01 Datasheet HTML 19Page - Actel Corporation AGLP030_V01 Datasheet HTML 20Page - Actel Corporation AGLP030_V01 Datasheet HTML 21Page - Actel Corporation AGLP030_V01 Datasheet HTML 22Page - Actel Corporation AGLP030_V01 Datasheet HTML 23Page - Actel Corporation AGLP030_V01 Datasheet HTML 24Page - Actel Corporation AGLP030_V01 Datasheet HTML 25Page - Actel Corporation AGLP030_V01 Datasheet HTML 26Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 128 page
background image
IGLOO PLUS DC and Switching Characteristics
2- 8
R ev isio n 1 1
Table 2-11 • Quiescent Supply Current (IDD) Characteristics, IGLOO PLUS Shutdown Mode
Core Voltage
AGLP030
AGLP060
AGLP125
Units
Typical (25°C)
1.2 V / 1.5 V
0
0
0
µA
Table 2-12 • Quiescent Supply Current (IDD), No IGLOO PLUS Flash*Freeze Mode 1
Core Voltage
AGLP030
AGLP060 AGLP125
Units
ICCA Current 2
Typical (25°C)
1.2 V
6
10
13
µA
1.5 V
16
20
28
µA
ICCI or IJTAG Current
VCCI / VJTAG = 1.2 V (per bank)
Typical (25°C)
1.2 V
1.7
1.7
1.7
µA
VCCI / VJTAG = 1.5 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
1.8
1.8
1.8
µA
VCCI / VJTAG = 1.8 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
1.9
1.9
1.9
µA
VCCI / VJTAG = 2.5 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
2.2
2.2
2.2
µA
VCCI / VJTAG = 3.3 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
2.5
2.5
2.5
µA
Notes:
1. IDD = NBANKS * ICCI + ICCA. JTAG counts as one bank when powered.
2. Includes VCC, VCCPLL, and VPUMP currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com