Electronic Components Datasheet Search
  English  ▼

X  

CS4210 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 23Page - National Semiconductor (TI) CS4210 Datasheet HTML 24Page - National Semiconductor (TI) CS4210 Datasheet HTML 25Page - National Semiconductor (TI) CS4210 Datasheet HTML 26Page - National Semiconductor (TI) CS4210 Datasheet HTML 27Page - National Semiconductor (TI) CS4210 Datasheet HTML 28Page - National Semiconductor (TI) CS4210 Datasheet HTML 29Page - National Semiconductor (TI) CS4210 Datasheet HTML 30Page - National Semiconductor (TI) CS4210 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
Revision 1.0
27
www.national.com
Operational Description (Continued)
3.6.2
Posted Writes
For write requests handled by the Physical Request con-
troller, the CS4210 may send an ack_complete before the
data is actually written to system memory. These writes are
referred to as posted writes since posted writes impact the
Physical Request controller and the Asynchronous Receive
Request DMA context. Further information about posted
writes is located in Section 3.5.3 "Posted Writes" on page
24. Information on host bus error handling of posted writes
is provided in Section 3.7.7 "Posted Write Error" on page
29.”
3.6.3
Physical Responses
The response packet generated for a physical read, non-
posted write, and lock request contains the transaction
label as it appeared in the request, the destination_ID as
provided in the request’s source_ID, and are transmitted at
the speed at which the request was received. The source
bus ID in the response packet is equal to the destination
bus ID from the original request. Note that this is not neces-
sarily the same as the contents of the busNumber field in
the Node ID register (BAR0+Offset E8h[15:6]). Unlike AR
Response packets, physical responses do not track a
SPLIT_TIMEOUT expiration time.
3.6.4
Physical Response Retries
There is a separate nibble-wide MaxPhysRespRetries field
in the ATRetries Register (BAR0+Offset 08h[15:11]) that
tells the Physical Response Unit how many times to
attempt to retry the transmit operation for the response
packet when an ack_busy* or ack_data_error is received
from the target node. If the retry count expires, the packet
is dropped and software is not notified. Refer to Section
4.4.3 "ATRetries Register" on page 59 for register details.
3.6.5
Interrupt Considerations for Physical Requests
Physical read request handling does not cause an interrupt
to be generated under any circumstances. Physical write
requests generate an interrupt when posted write process-
ing yields an error. Lock requests to the serial bus registers
generate an interrupt when the CS4210 is unable to deliver
a lock response packet.
3.6.6
Bus Reset
On a bus reset, all pending physical requests (those for
which ack_pending was sent) are discarded. Following a
bus reset, only physical requests to the autonomous CSR
resources
(see
Section
4.4.4
"Autonomous
CSR
Resources" on page 60) can be handled immediately.
Other physical requests are processed after software ini-
tializes the filter registers (see Section 4.4.22 "Asynchro-
nous Request Filter Registers" on page 78 and Section
4.4.23 "Physical Request Filter Registers" on page 79).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com