Electronic Components Datasheet Search
  English  ▼

X  

CS4210 Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 54Page - National Semiconductor (TI) CS4210 Datasheet HTML 55Page - National Semiconductor (TI) CS4210 Datasheet HTML 56Page - National Semiconductor (TI) CS4210 Datasheet HTML 57Page - National Semiconductor (TI) CS4210 Datasheet HTML 58Page - National Semiconductor (TI) CS4210 Datasheet HTML 59Page - National Semiconductor (TI) CS4210 Datasheet HTML 60Page - National Semiconductor (TI) CS4210 Datasheet HTML 61Page - National Semiconductor (TI) CS4210 Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 102 page
background image
www.national.com
58
Revision 1.0
Register Descriptions (Continued)
4.4.1
Version Register
The Version register (Table 4-9) contains a 32-bit value
which indicates the version and capabilities of the interface.
The register is expected to be used to indicate the level of
functionality present in the CS4210.
4.4.2
GUIDROM Register
The Global Unique ID ROM register (Table 4-10) is used to
access the GUID ROM. To initialize the GUID ROM read
address, software sets GUIDROM.addrReset to one. Once
software detects that GUIDROM.addrReset is zero, indicat-
ing that the reset has completed, then software may set
GUIDROM.rdStarttoreadabyte. Upon thecompletionof
each read, the CS4210 places the read byte into
GUIDROM.rdData, advances the GUID ROM address by
one byte to set up for the next read, and clears
GUIDROM.rdStart to 0 to indicate to software that the
requested byte has been read.
Table 4-9. BAR0+Offset 00h: Version Register
Bit
Name
Access
Reset
Description
31:25
RSVD
--
0
Reserved
24
GUID_ROM
R
N/A
Global Unique ID ROM: The third and fourth quadlets of the
Bus_Info_Block are automatically loaded on hardware reset.
23:16
version
R
01h
Major Version: This field contains the BCD encoded value representing the
major version of the highest numbered 1394 OpenHCI specification with
which the CS4210 is compliant.
15:8
RSVD
--
0
Reserved
7:0
revision
R
0
Minor Version: This field contains the BCD encoded value representing
the minor version of the highest numbered 1394 OpenHCI specification with
which the CS4210 is compliant.
Table 4-10. BAR0+Offset 04h: GUID ROM Register
Bit
Name
Access
Reset
Description
31
addrReset
RSU
0
Address Reset: Software sets this bit to one to reset the GUID ROM
address to zero. When the CS4210 completes the reset, it clears addrReset
to zero. Upon resetting the GUID ROM address, the CS4210 does not auto-
matically fill rdData with the data from byte address 0.
30:26
RSVD
--
0
Reserved
25
rdStart
RSU
0
Read Start: A read of the currently addressed GUID ROM byte is started
on the transition of this bit from a zero to a one. When the CS4210 com-
pletes the read, it clears rdStart to zero and advances the GUID ROM byte
address by one byte.
24
RSVD
--
0
Reserved
23:16
rdData
RU
Undef
Read Data: The data read from the GUID ROM.
15:0
RSVD
--
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com