Electronic Components Datasheet Search
  English  ▼

X  

CS4210 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 39Page - National Semiconductor (TI) CS4210 Datasheet HTML 40Page - National Semiconductor (TI) CS4210 Datasheet HTML 41Page - National Semiconductor (TI) CS4210 Datasheet HTML 42Page - National Semiconductor (TI) CS4210 Datasheet HTML 43Page - National Semiconductor (TI) CS4210 Datasheet HTML 44Page - National Semiconductor (TI) CS4210 Datasheet HTML 45Page - National Semiconductor (TI) CS4210 Datasheet HTML 46Page - National Semiconductor (TI) CS4210 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 102 page
background image
Revision 1.0
43
www.national.com
Register Descriptions (Continued)
Index 06h
PCI Status Register
15
detectedParErr
R/W
0
Detected Parity Error: This bit is set whenever a parity error is detected.
Write 1 to clear.
14
signalSysErr
R/W
0
Signaled System Error: This bit is set whenever the CS4210 asserts
SERR# active.
Write 1 to clear.
13
recvMasterAbort
R/W
0
Received Master Abort: This bit is set whenever a master abort cycle
occurs while the CS4210 is the master for the PCI cycle.
Write 1 to clear.
12
recvTargeAbort
R/W
0
Received Target Abort: This bit is set whenever a target abort is received
while the CS4210 is the master for the PCI cycle.
Write 1 to clear.
11
signalTargetAbort
R/W
0
Signaled Target Abort: This bit is set whenever the CS4210 signals a tar-
get abort while it is the target for the PCI cycle.
Write 1 to clear.
10:9
devselTiming
RO
01
DEVSEL# Timing: These bits are always 01, as the CS4210 always
responds to cycles for which it is an active target with medium DEVSEL#
timing: 00 = Fast; 01 = Medium; 10 = Slow; 11 = Reserved
8
dataParityRep
R/W
0
Data Parity Detected: This bit is set when the CS4210 asserted PERR# or
observed PERR# asserted. The parityErrResp in the Command Register
(Index 04h[6]) must be enabled for this bit to function.
Write 1 to clear.
7:0
RSVD
RO
0
Reserved
Index 08h
Revision Identification Register
7:0
revisionID
RO
03h
Revision Identification: Specifies the silicon revision as 03h. This value
will be incremented for subsequent revisions.
Index 09h
PCI Class Code Register
23:16
Base Class
RO
0Ch
Base Class: Identifies the device as being a serial bus controller.
15:8
Sub Class
RO
00h
Sub Class: Identifies the device as being of IEEE 1394 class.
7:0
Programming
Interface
RO
10h
Programming Interface: Identifies the device as being a 1394 OpenHCI
controller.
Index 0Ch
PCI Cache Line Size Register
7:0
cacheLineSize
RO
00h
PCI Cache Line Size: This register sets the size of the PCI cache line. A
value of 00h indicates caching is disabled.
Index 0Dh
PCI Latency Timer Register
7:0
latencyTimer
R/W
50h
PCI Latency Timer Value: This register contains the maximum number of
PCI clocks that the CS4210 can hold ownership of the PCI bus as the bus
master. Bits [3:0] are a constant 0.
Index 0Eh
PCI Header Type Register
7:0
Header Type
RO
00h
PCI Header Type Register: This register defines the format of this header.
This header is of type format 0. Additionally, bit 7 defines whether this PCI
device is a multi-function (bit 7 = 1) or single-function (bit 7 = 0) device.
Index 0Fh
PCI BIST Register
7:0
BIST
RO
00h
PCI Built-In Self-Test: A value of 00h indicates no PCI controlled BIST.
Table 4-6. PCI Configuration Register Definitions
Bit
Name
Access
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com