Electronic Components Datasheet Search
  English  ▼

X  

CS4210 Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 82Page - National Semiconductor (TI) CS4210 Datasheet HTML 83Page - National Semiconductor (TI) CS4210 Datasheet HTML 84Page - National Semiconductor (TI) CS4210 Datasheet HTML 85Page - National Semiconductor (TI) CS4210 Datasheet HTML 86Page - National Semiconductor (TI) CS4210 Datasheet HTML 87Page - National Semiconductor (TI) CS4210 Datasheet HTML 88Page - National Semiconductor (TI) CS4210 Datasheet HTML 89Page - National Semiconductor (TI) CS4210 Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
www.national.com
86
Revision 1.0
Register Descriptions (Continued)
4.4.27 Isochronous Receive
Each isochronous receive context consists of three regis-
ters: ContextControl, CommandPtr, and ContextMatch.
ContextControl is used by software to control the context’s
behavior, and is used by hardware to indicate current sta-
tus. CommandPtr is used by software to tell the IRDMA
controller where the DMA context program begins. Con-
textMatch is used to start on a specified cycle number and
to filter received packets based on their tag bits and possi-
ble sync bits.
The CS4210 has eight isochronous receive contexts.
These registers are repeated at offsets of 20h times the
context number. Table 4-52 is a map providing the offset
addresses for the ContextControl, CommandPtr, and Con-
textMatch registers.
4.4.27.1 Isoch Receive Context Control Register
The isochronous receive ContextControl register (see
Table 4-53) contains bits that control options, operational
state, and status for the isochronous receive DMA con-
texts. Software can set selected bits by writing ones to the
corresponding bits in the ContextControl Set register. Soft-
ware can clear selected bits by writing ones to the corre-
sponding bits in the ContextControl Clear register. It is not
possible for software to set some bits and clear others in an
atomic operation. A read from either register returns the
same value. It includes several fields which permit software
to filter packets based on various combinations of fields
within the isochronous packet header.
These registers are repeated at offsets of 20h times the
context number (see Table 4-52 for offset address assign-
ment).
Table 4-52. IsochRx Register Address Map
BAR0+Offset
Name
400h
IsochRx0ContextControl Set Register
404h
IsochRx0ContextControl Clear Register
408h
Reserved
40Ch
IsochRx0CommandPtr Register
410h
IsochRx0ContextMatch Register
414h-41Fh
Reserved
420h
IsochRx1ContextControl Set Register
424h
IsochRx1ContextControl Clear Register
428h
Reserved
42Ch
IsochRx1CommandPtr Register
430h
IsochRx1ContextMatch Register
434h-43Fh
Reserved
440h
IsochRx2ContextControl Set Register
444h
IsochRx2ContextControl Clear Register
448h
Reserved
44Ch
IsochRx2CommandPtr Register
450h
IsochRx2ContextMatch Register
454h-45Fh
Reserved
460h
IsochRx3ContextControl Set Register
464h
IsochRx3ContextControl Clear Register
468h
Reserved
46Ch
IsochRx3CommandPtr Register
470h
IsochRx3ContextMatch Register
474h-47Fh
Reserved
480h
IsochRx4ContextControl Set Register
484h
IsochRx4ContextControl Clear Register
488h
Reserved
48Ch
IsochRx4CommandPtr Register
490h
IsochRx4ContextMatch Register
494h-49Fh
Reserved
4A0h
IsochRx5ContextControl Set Register
4A4h
IsochRx5ContextControl Clear Register
4A8h
Reserved
4ACh
IsochRx5CommandPtr Register
4B0h
IsochRx5ContextMatch Register
4B4h-4BFh
Reserved
4C0h
IsochRx6ContextControl Set Register
4C4h
IsochRx6ContextControl Clear Register
4C8h
Reserved
4CCh
IsochRx6CommandPtr Register
4D0h
IsochRx6ContextMatch Register
4D4h-4DFh
Reserved
4E0h
IsochRx7ContextControl Set Register
4E4h
IsochRx7ContextControl Clear Register
4E8h
Reserved
4ECh
IsochRx7CommandPtr Register
4F0h
IsochRx7ContextMatch Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com