Electronic Components Datasheet Search
  English  ▼

X  

PSK-45 Datasheet(PDF) 4 Page - CUI INC

Part # PSK-45
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-45 Datasheet(HTML) 4 Page - CUI INC

  PSK-45 Datasheet HTML 1Page - CUI INC PSK-45 Datasheet HTML 2Page - CUI INC PSK-45 Datasheet HTML 3Page - CUI INC PSK-45 Datasheet HTML 4Page - CUI INC PSK-45 Datasheet HTML 5Page - CUI INC PSK-45 Datasheet HTML 6Page - CUI INC PSK-45 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
date 07/13/2020
│ page 4 of 7
CUI Inc
│ SERIES: PSK-45 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
87.00 x 52.00 x 29.50 (board mount)
135.00 x 70.00 x 37.90 (chassis mount)
137.00 x 70.00 x 42.40 (DIN-rail)
mm
mm
mm
weight
board mount
chassis mount
DIN-rail
205
290
360
g
g
g
cooling
free air convection
case material
black plastic, flame-retardant and heat-resistant (UL94V-0)
MECHANICAL DRAWING (BOARD MOUNT)
PIN CONNECTIONS
PIN
Function
1
AC(L)
2
AC(N)
3
+Vo
4
-Vo
units: mm [inch]
pin diameter tolerance: ± 0.1 [±0.004]
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
5~10 seconds (± 5 °C)
260
°C
manual welding
3~5 seconds (± 10 °C)
360
°C
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
70
°C
storage temperature
-40
85
°C
storage humidity
0
95
%
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com