Electronic Components Datasheet Search
  English  ▼

X  

PSK-45 Datasheet(PDF) 1 Page - CUI INC

Part # PSK-45
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-45 Datasheet(HTML) 1 Page - CUI INC

  PSK-45 Datasheet HTML 1Page - CUI INC PSK-45 Datasheet HTML 2Page - CUI INC PSK-45 Datasheet HTML 3Page - CUI INC PSK-45 Datasheet HTML 4Page - CUI INC PSK-45 Datasheet HTML 5Page - CUI INC PSK-45 Datasheet HTML 6Page - CUI INC PSK-45 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 07/13/2020
page 1 of 7
SERIES: PSK-45
│ DESCRIPTION: INTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
PSK-45-5
5
8.0
40
120
81
PSK-45-12
12
3.8
45
120
84
PSK-45-15
15
3.0
45
120
85
PSK-45-24
24
1.9
45
120
86
PSK-45-48
48
0.94
45
120
87
FEATURES
• universal input voltage range (85~264 VAC)
• IEC/EN/UL 62368 certified
• meets CISPR32/EN 55032 Class B without external components
• 4,000 VAC isolation rating
• short-circuit, over-current, over-voltage protections
PART NUMBER KEY
Base Number
PSK-45 - XX- X
Output Voltage
Mounting Style
blank = board mount
T = chassis mount
DIN = DIN-rail mount
Additional Resources: Product Page | 3D Model


Similar Part No. - PSK-45

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-45-12 CUI-PSK-45-12 Datasheet
2Mb / 7P
INTERNAL AC-DC POWER SUPPLY
03/25/2021
PSK-45-15 CUI-PSK-45-15 Datasheet
2Mb / 7P
INTERNAL AC-DC POWER SUPPLY
03/25/2021
PSK-45-24 CUI-PSK-45-24 Datasheet
2Mb / 7P
INTERNAL AC-DC POWER SUPPLY
03/25/2021
PSK-45-48 CUI-PSK-45-48 Datasheet
2Mb / 7P
INTERNAL AC-DC POWER SUPPLY
03/25/2021
PSK-45-5 CUI-PSK-45-5 Datasheet
2Mb / 7P
INTERNAL AC-DC POWER SUPPLY
03/25/2021
More results

Similar Description - PSK-45

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-20D CUI-PSK-20D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
PBO-10C CUI-PBO-10C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/21/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-75C CUI-VGS-75C Datasheet
757Kb / 6P
INTERNAL AC-DC POWER SUPPLY
09/28/2020
VGS-600 CUI-VGS-600 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
09/09/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com