Electronic Components Datasheet Search
  English  ▼

X  

PSK-45 Datasheet(PDF) 6 Page - CUI INC

Part # PSK-45
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-45 Datasheet(HTML) 6 Page - CUI INC

  PSK-45 Datasheet HTML 1Page - CUI INC PSK-45 Datasheet HTML 2Page - CUI INC PSK-45 Datasheet HTML 3Page - CUI INC PSK-45 Datasheet HTML 4Page - CUI INC PSK-45 Datasheet HTML 5Page - CUI INC PSK-45 Datasheet HTML 6Page - CUI INC PSK-45 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 07/13/2020
│ page 6 of 7
CUI Inc
│ SERIES: PSK-45 │ DESCRIPTION: AC-DC POWER SUPPLY
APPLICATION CIRCUIT
EMC RECOMMENDED CIRCUIT
Figure 1
Table 1
Recommended External Circuit Components
Part no.
C1
C2
FUSE
MOV
TVS
PSK-45-5
1 μF
680 μF
3.15A/250V,
slow-blow
S14K350
SMBJ7.0A
PSK-45-12
220 μF
SMBJ20A
PSK-45-15
220 μF
SMBJ20A
PSK-45-24
120 μF
SMBJ30A
PSK-45-48
100 μF
SMBJ64A
Figure 2
Table 2
Component
Reccomended value
FUSE
3.15A/250V, slow-blow, required
MOV1
S20K300
MOV2/MOV3
S10K300
GDT
EM3600XS
CX
0.22 μF/ 275 Vac
CY1, CY2
1 nF / 400 Vac
R1
1 MΩ / 1 W
LDM
4.7 uH
LCM
2 mH
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com