Electronic Components Datasheet Search
  English  ▼

X  

PSK-45 Datasheet(PDF) 5 Page - CUI INC

Part # PSK-45
Description  INTERNAL AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-45 Datasheet(HTML) 5 Page - CUI INC

  PSK-45 Datasheet HTML 1Page - CUI INC PSK-45 Datasheet HTML 2Page - CUI INC PSK-45 Datasheet HTML 3Page - CUI INC PSK-45 Datasheet HTML 4Page - CUI INC PSK-45 Datasheet HTML 5Page - CUI INC PSK-45 Datasheet HTML 6Page - CUI INC PSK-45 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 07/13/2020
│ page 5 of 7
CUI Inc
│ SERIES: PSK-45 │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING (CHASSIS MOUNT)
PIN CONNECTIONS
PIN
Function
1
AC(L)
2
NC
3
AC(N)
4
+Vo
5
-Vo
6
NC
7
NC
8
NC
units: mm [inch]
tolerance: ± 1.00 [±0.040]
wire range: 24 - 12 AWG
tightening torque: 0.4 N·m
units: mm [inch]
tolerance: ± 1.00 [±0.040]
wire range: 24 - 12 AWG
tightening torque: 0.4 N·m
installed on DIN-RAIL TS35
MECHANICAL DRAWING (DIN-RAIL MOUNT)
PIN CONNECTIONS
PIN
Function
1
AC(L)
2
NC
3
AC(N)
4
+Vo
5
-Vo
6
NC
7
NC
8
NC
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com