Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7219 Datasheet HTML 1Page - Texas Instruments TMUX7219 Datasheet HTML 2Page - Texas Instruments TMUX7219 Datasheet HTML 3Page - Texas Instruments TMUX7219 Datasheet HTML 4Page - Texas Instruments TMUX7219 Datasheet HTML 5Page - Texas Instruments TMUX7219 Datasheet HTML 6Page - Texas Instruments TMUX7219 Datasheet HTML 7Page - Texas Instruments TMUX7219 Datasheet HTML 8Page - Texas Instruments TMUX7219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1) (2) (3)
MIN
MAX
UNIT
VDD–VSS
Supply voltage
48
V
VDD
–0.5
48
V
VSS
–48
0.5
V
VSEL or VEN
Logic control input pin voltage (SEL, EN)(4)
–0.5
48
V
ISEL or IEN
Logic control input pin current (SEL, EN)(4)
–30
30
mA
VS or VD
Source or drain voltage (Sx, D)(4)
VSS–0.5
VDD+0.5
V
IIK
Diode clamp current(4)
–30
30
mA
IS or ID (CONT)
Source or drain continuous current (Sx, D)
IDC + 10 %(5)
mA
TA
Ambient temperature
–55
135
°C
Tstg
Storage temperature
–65
150
°C
TJ
Junction temperature
140
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
Pins are diode-clamped to the power-supply rails. Over voltage signals must be voltage and current limited to maximum ratings.
(5)
Refer to Source or Drain Continuous Current table for IDC specifications.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Thermal Information
THERMAL METRIC(1)
TMUX7219
UNIT
DGK (VSSOP)
8 PINS
RθJA
Junction-to-ambient thermal resistance
152.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.4
°C/W
RθJB
Junction-to-board thermal resistance
73.2
°C/W
ΨJT
Junction-to-top characterization parameter
4.1
°C/W
ΨJB
Junction-to-board characterization parameter
71.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TMUX7219
SCDS407A – JANUARY 2019 – REVISED NOVEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com