Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7219 Datasheet HTML 17Page - Texas Instruments TMUX7219 Datasheet HTML 18Page - Texas Instruments TMUX7219 Datasheet HTML 19Page - Texas Instruments TMUX7219 Datasheet HTML 20Page - Texas Instruments TMUX7219 Datasheet HTML 21Page - Texas Instruments TMUX7219 Datasheet HTML 22Page - Texas Instruments TMUX7219 Datasheet HTML 23Page - Texas Instruments TMUX7219 Datasheet HTML 24Page - Texas Instruments TMUX7219 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
6.16 Typical Characteristics (continued)
at TA = 25°C
VDD = 12 V, VSS = 0 V
Figure 6-31. Capacitance vs Source Voltage or Drain Voltage
www.ti.com
TMUX7219
SCDS407A – JANUARY 2019 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com