Electronic Components Datasheet Search
  English  ▼

X  

TMUX7219 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7219
Description  TMUX7219 44-V, Latch-Up Immune, 2:1 (SPDT) Precision Switch with 1.8-V Logic
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7219 Datasheet(HTML) 3 Page - Texas Instruments

  TMUX7219 Datasheet HTML 1Page - Texas Instruments TMUX7219 Datasheet HTML 2Page - Texas Instruments TMUX7219 Datasheet HTML 3Page - Texas Instruments TMUX7219 Datasheet HTML 4Page - Texas Instruments TMUX7219 Datasheet HTML 5Page - Texas Instruments TMUX7219 Datasheet HTML 6Page - Texas Instruments TMUX7219 Datasheet HTML 7Page - Texas Instruments TMUX7219 Datasheet HTML 8Page - Texas Instruments TMUX7219 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Pin Configuration and Functions
1
D
8
S2
2
S1
7
VSS
3
GND
6
SEL
4
VDD
5
EN
Not to scale
Figure 5-1. DGK Package
8-Pin VSSOP
Top View
Table 5-1. Pin Functions
NAME
NO.
TYPE(1)
DESCRIPTION(2)
D
1
I/O
Drain pin. Can be an input or output.
S1
2
I/O
Source pin 1. Can be an input or output.
GND
3
P
Ground (0 V) reference
VDD
4
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
EN
5
I
Active high logic enable, has internal pull-up resistor. When this pin is low, all switches are turned off.
When this pin is high, the SEL logic input determine which switch is turned on.
SEL
6
I
Logic control input, has internal pull-down resistor. Controls the switch connection as shown in Section
8.5.
VSS
7
P
Negative power supply. This pin is the most negative power-supply potential. In single-supply
applications, this pin can be connected to ground. For reliable operation, connect a decoupling
capacitor ranging from 0.1 µF to 10 µF between VSS and GND.
S2
8
I/O
Source pin 2. Can be an input or output.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 8.4 for what to do with unused pins.
www.ti.com
TMUX7219
SCDS407A – JANUARY 2019 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUX7219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com