Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8250
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8250 Datasheet HTML 26Page - Analog Devices AD8250 Datasheet HTML 27Page - Analog Devices AD8250 Datasheet HTML 28Page - Analog Devices AD8250 Datasheet HTML 29Page - Analog Devices AD8250 Datasheet HTML 30Page - Analog Devices AD8250 Datasheet HTML 31Page - Analog Devices AD8250 Datasheet HTML 32Page - Analog Devices AD8250 Datasheet HTML 33Page - Analog Devices AD8250 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTC6373
32
Rev. 0
For more information www.analog.com
100pF
82.5
82.5
100pF
180pF
1K
1K
1.3K
1.3K
ADA4945-1
1.575V
-1.575V
-
+
1.575V
-1.575V
2.5V
LTC6373
-
+
VOCM
+15V
-15V
(1.575V)/G
(-1.575V)/G
V-IN
V+IN
used to
set G
(1.575V)/G
(-1.575V)/G
+
-
REF
DGND
5V
4.096V
AVDD1
AD7768-1
VCM
5V
2.5V
AVDD2
1.8V
IOVDD
2.5V
6373 F20
4.548V
0.452V
4.548V
0.452V
AVSS
+5V
Figure 20. LTC6373 (PGIA) + ADA4945-1 (ADC Driver) + AD7768-1 (ADC) Signal Chain
fIN = 1kHz
LTC6373 GAIN SETTING (G)
0.25 0.5
1
2
4
8
16
90
92
94
96
98
100
102
104
106
108
110
AD7768–1 Signal Chain
SNR for LTC6373+ADA4945–1+
6373 F21
fIN = 1kHz
LTC6373 GAIN SETTING (G)
0.25 0.5
1
2
4
8
16
–130
–125
–120
–115
–110
–105
–100
AD7768–1 Signal Chain
THD for LTC6373+ADA4945–1+
6373 F22
Figure 21. SNR for LTC6373 +
ADA4945-1 + AD7768-1 Signal Chain
Figure 22. THD for LTC6373 +
ADA4945-1 + AD7768-1 Signal Chain
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com