Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8250
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8250 Datasheet HTML 9Page - Analog Devices AD8250 Datasheet HTML 10Page - Analog Devices AD8250 Datasheet HTML 11Page - Analog Devices AD8250 Datasheet HTML 12Page - Analog Devices AD8250 Datasheet HTML 13Page - Analog Devices AD8250 Datasheet HTML 14Page - Analog Devices AD8250 Datasheet HTML 15Page - Analog Devices AD8250 Datasheet HTML 16Page - Analog Devices AD8250 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTC6373
13
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Large Signal Step Response
Small Signal Step Response
Small Signal Step Response
Small Signal Step Response
Small Signal Step Overshoot
vs Load Capacitance
Settling Time to 8VP-P Output
Step
V+ = V+OUT = 15V, V– = –15V, VICM = VOCM = 0V, TA = 25°C, G = 1, unless otherwise noted.
Output Voltage Swing vs Load
Current
Output Voltage Swing vs Load
Resistance
High Output Voltage Swing vs
Supply Voltage
G = 0.25
VINDIFF = 20VP-P
RL = 2kΩ
TIME (2µs/DIV)
6373 G52
+OUT
–OUT
G = 16
VINDIFF = 12.5mVP-P
RL = 2kΩ
TIME (1µs/DIV)
6373 G53
+OUT
–OUT
G = 1
VINDIFF = 200mVP-P
RL = 2kΩ
TIME (1µs/DIV)
6373 G54
+OUT
–OUT
G = 0.25
VINDIFF = 800mVP-P
RL = 2kΩ
+OUT
TIME (1µs/DIV)
6373 G55
–OUT
VOUTDIFF = 200mVP-P
RL = 2kΩ
CAPACITIVE LOAD, CL (pF)
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
100
vs Load Capacitance
6373 G56
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
VOUTDIFF
16 • VINDIFF
G = 16
%ERROR
TIME (µs)
–0.5
0
0.5
1
1.5
2
2.5
–8
–6
–4
–2
0
2
4
6
8
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
Step
6373 G57
G = 2
25°C
–40°C
85°C
125°C
LOAD CURRENT (mA)
0
2
4
6
8 10 12 14 16 18 20
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
6373 G58
G = 2
25°C
–40°C
85°C
125°C
LOAD RESISTANCE, RL (kΩ)
0.1
1
10
100
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
6373 G59
G = 2
25°C, RL=10kΩ
25°C, RL=2kΩ
–40°C, RL=10kΩ
–40°C, RL=2kΩ
85°C, RL=10kΩ
85°C, RL=2kΩ
125°C, RL=10kΩ
125°C, RL=2kΩ
SUPPLY VOLTAGE, ±VS (V)
4
6
8
10
12
14
16
18
0
0.5
1.0
1.5
2.0
2.5
3.0
6373 G60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com