Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8250
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 2 Page - Analog Devices

  AD8250 Datasheet HTML 1Page - Analog Devices AD8250 Datasheet HTML 2Page - Analog Devices AD8250 Datasheet HTML 3Page - Analog Devices AD8250 Datasheet HTML 4Page - Analog Devices AD8250 Datasheet HTML 5Page - Analog Devices AD8250 Datasheet HTML 6Page - Analog Devices AD8250 Datasheet HTML 7Page - Analog Devices AD8250 Datasheet HTML 8Page - Analog Devices AD8250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC6373
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V+ .....................................................V– to (V– + 40V)
V+OUT............................................... V– to (V+ + 0.3V)
VOCM.................................(V– – 0.3V) to (V+OUT + 0.3V)
A0, A1, A2, DGND................... (V– – 0.3V) to (V+ + 0.3V)
+IN, –IN
Common Mode .................. (V– – 0.3V) to (V+ + 0.3V)
Differential..........................................................±20V
Output Current (+OUT, –OUT) (Note 2)........... 40mARMS
Output Short-Circuit Duration (+OUT, –OUT)
(Note 3)...............................................Thermally Limited
Operating and Specified Temperature Range (Notes 4, 5)
LTC6373I .............................................–40°C to 85°C
LTC6373H.......................................... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
TOP VIEW
13
V–
DFM PACKAGE
12-LEAD (4mm × 4mm) PLASTIC DFN
TJMAX = 150°C, θJA = 43°C/W, θJC = 3.4°C/W
EXPOSED PAD (PIN 13) IS V–, MUST BE SOLDERED TO PCB
12
11
8
9
10
4
5
3
2
1
+IN
A2
DGND
CAP
VOCM
–OUT
–IN
A0
A1
V+
V+OUT
+OUT 6
7
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6373IDFM#PBF
LTC6373IDFM#TRPBF
6373
12-Lead (4mm
× 4mm) Plastic DFN, Side Solderable –40°C to 85°C
LTC6373HDFM#PBF
LTC6373HDFM#TRPBF
6373
12-Lead (4mm
× 4mm) Plastic DFN, Side Solderable –40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com