Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8250
Description  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8250 Datasheet HTML 12Page - Analog Devices AD8250 Datasheet HTML 13Page - Analog Devices AD8250 Datasheet HTML 14Page - Analog Devices AD8250 Datasheet HTML 15Page - Analog Devices AD8250 Datasheet HTML 16Page - Analog Devices AD8250 Datasheet HTML 17Page - Analog Devices AD8250 Datasheet HTML 18Page - Analog Devices AD8250 Datasheet HTML 19Page - Analog Devices AD8250 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTC6373
16
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
–IN (Pin 1): Inverting Input of Instrumentation Amplifier.
Input voltage range is between V– + 3V and V+ – 3V.
A0 (Pin 2): Digital Gain Programming Pin 0. In combina-
tion with A2 and A1, the user can choose the desired gain
setting for the LTC6373 (refer to Gain Selection section
of this data sheet). The logic threshold for the A0 pin is
specified with respect to the voltage on the DGND pin
(logic low = any voltage between DGND and DGND + 0.6V;
logic high = any voltage between DGND + 1.5V and V+).
If the A0 pin is left floating, an internal resistor pulls its
voltage close to the DGND pin, resulting in a default logic
low state for this programming pin.
A1 (Pin 3): Digital Gain Programming Pin 1. In combina-
tion with A2 and A0, the user can choose the desired gain
setting for the LTC6373 (refer to Gain Selection section
of this data sheet). The logic threshold for the A1 pin is
specified with respect to the voltage on the DGND pin
(logic low = any voltage between DGND and DGND + 0.6V;
logic high = any voltage between DGND + 1.5V and V+).
If the A1 pin is left floating, an internal resistor pulls its
voltage close to the DGND pin, resulting in a default logic
low state for this programming pin.
V+ (Pin 4): Positive Power Supply. The operating voltage
range for V+ is (V– + 9V) ≤ V+ ≤ (V– + 36V).
V+OUT (Pin 5): Positive Power Supply for the Output
Differential Amplifier inside the LTC6373 (the amplifier
marked as A3 in Figure 1 of this data sheet). V+OUT pin is
normally tied to V+ pin, however the user may also choose
a lower voltage for V+OUT to save power dissipation or to
help protect ADC inputs. The voltage on V+OUT pin should
never be higher than V+ pin. The operating voltage range
for V+OUT is (V– + 9V) ≤ V+OUT ≤ V+.
+OUT (Pin 6): Positive Output Pin of Instrumentation
Amplifier.
–OUT (Pin 7): Negative Output Pin of Instrumentation
Amplifier.
VOCM (Pin 8): Output Common Mode Reference Voltage.
Voltage applied to this pin sets the output common mode
voltage level. If the VOCM pin is left floating, an internal
resistor divider creates a default voltage approximately
halfway between V+OUT and V–. The VOCM pin should be
decoupled to ground with a minimum of 0.1μF bypass
capacitor.
CAP (Pin 9): Bypass Capacitor Pin. The CAP pin should
be decoupled to ground with a 180pF bypass capacitor.
DGND (Pin 10): Reference for Digital Gain Programming
Pins (A2/A1/A0). DGND is normally tied to ground, how-
ever any voltage between V– and V+ – 2.5V may also be
chosen. If the DGND pin is left floating, an internal resistor
divider creates a default voltage approximately halfway
between V+ and V–. The logic threshold for A2/A1/A0 pins
is specified with respect to the DGND pin.
A2 (Pin 11): Digital Gain Programming Pin 2. In combina-
tion with A1 and A0, the user can choose the desired gain
setting for the LTC6373 (refer to Gain Selection section
of this data sheet). The logic threshold for the A2 pin is
specified with respect to the voltage on the DGND pin
(logic low = any voltage between DGND and DGND + 0.6V;
logic high = any voltage between DGND + 1.5V and V+).
If the A2 pin is left floating, an internal resistor pulls its
voltage close to the DGND pin, resulting in a default logic
low state for this programming pin.
+IN (Pin 12): Noninverting Input of Instrumentation
Amplifier. Input voltage range is between V– + 3V and
V+ – 3V.
V– (Exposed Pad Pin 13): Negative Power Supply. The
exposed pad must be soldered to PCB and connected
to V–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com