Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 8 Page - Analog Devices

Part # LT6232
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6232 Datasheet HTML 4Page - Analog Devices LT6232 Datasheet HTML 5Page - Analog Devices LT6232 Datasheet HTML 6Page - Analog Devices LT6232 Datasheet HTML 7Page - Analog Devices LT6232 Datasheet HTML 8Page - Analog Devices LT6232 Datasheet HTML 9Page - Analog Devices LT6232 Datasheet HTML 10Page - Analog Devices LT6232 Datasheet HTML 11Page - Analog Devices LT6232 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6226/LTC6227
8
Rev 0
For more information www.analog.com
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V,VCM = 1.5V, VSHDN = floating unless
otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = 3V, 0V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR–
Negative Power Supply Rejection Ratio
V+ = 1.5V, V– = –1.3V to –10.25V
l
103
100
127
dB
dB
Supply Voltage Range (V+ – V–) (Note 7)
l
2.8
11.75
V
VOL
Output Swing Low (VOUT – VEE)
No Load
l
12
14
18
mV
mV
ISINK = 5mA
l
91
121
160
mV
mV
ISINK = 10mA
l
161
205
275
mV
mV
VOH
Output Swing High (VCC – VOUT)
No Load
l
10
14
18
mV
mV
ISINK = 5mA
l
150
180
230
mV
mV
ISOURCE = 10mA
l
250
330
430
mV
mV
ISC
Output Short Circuit Current
Sourcing
47
mA
Sinking
57
mA
IS
Supply Current/Channel
l
5.5
6
7.25
mA
mA
ISD
Disable Supply Current, Amplifier Off
VSHDN = V+ – 2.65V
l
195
247
278
μA
µA
VL_SHDN
SHDN Pin Input Voltage Low, Disable Amplifier
l
V+ – 2.65
V
VH_SHDN
SHDN Pin Input Voltage High, Enable Amplifier
l
V+ – 1.6
V
IL_SHDN
SHDN Pin Input Current, Disable Amplifier
VSHDN = V+ – 2.65V
l
–10
–2.9
10
μA
IH_SHDN
SHDN Pin Input Current, Enable Amplifier
VSHDN = V+ – 1.6V
l
–10
0.3
10
μA
IOSD
Output Leakage Current in Shutdown
100
nA
BW
–3dB Closed Loop Bandwidth
AV = 1, RL = 1kΩ to Half Supply
450
MHz
GBW
Gain-Bandwidth Product
f = 5MHz, RL = 1kΩ to Half Supply
l
340
280
415
MHz
MHz
tON
Turn-On Time
VSHDN = V+ – 2.65V to V+ – 1.6V
2100
ns
tOFF
Turn-Off Time
VSHDN = V+ – 1.6V to V+ – 2.65V
800
ns
tS_0.1
Settling Time to 0.1%
AV = 1, VCM = 1V, 1V Output Step,
RL = 1kΩ to VCM
84
ns
SR
Slew Rate (Note 9)
AV = +4, 2V Output Step
100
V/μS
FPBW
Full Power Bandwidth
VOUT = 2VP-P, AV = –1, THD < –40dBc
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com