Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 15 Page - Analog Devices

Part # LT6232
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT6232 Datasheet HTML 11Page - Analog Devices LT6232 Datasheet HTML 12Page - Analog Devices LT6232 Datasheet HTML 13Page - Analog Devices LT6232 Datasheet HTML 14Page - Analog Devices LT6232 Datasheet HTML 15Page - Analog Devices LT6232 Datasheet HTML 16Page - Analog Devices LT6232 Datasheet HTML 17Page - Analog Devices LT6232 Datasheet HTML 18Page - Analog Devices LT6232 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC6226/LTC6227
15
Rev 0
For more information www.analog.com
PIN FUNCTIONS
FB (SOIC-8 Only): Feedback Pin. Internally connected to
OUT.
+IN: Non-Inverting Input of Amplifier. Valid input range is
from V– to V+ – 1.2V
–IN: Inverting Input of Amplifier. Valid input range is from
V– to V+ – 1.2V
OUT: Output of the Amplifier. Swings rail to rail and can
typically source/sink 60mA of current.
Circuit Description
The LTC6226/LTC6227 have an input signal range that
extends from the negative power supply to 1.2V below
the positive power supply. Figure 1 depicts a simplified
schematic of the amplifier. The input stage consists of PNP
transistors Q1 and Q2. Bootstrap transistor Q13 improves
DC accuracy by reducing the offset contribution of the
base currents of Q11 and Q12 since it has twice their col-
lector current thus Q11/Q12 current matching becomes
SHDN: Shutdown Pin (Active Low). Referenced to V+.
When taken 2.75V below V+, the amplifier shuts down
and enters low power mode, with the outputs in a high
impedance state. When left floating, the amplifier is on.
V+: Positive Supply to Amplifier. Valid range is from 2.8V
to 11.75V when V– is 0V.
V–: Negative Supply to Amplifier. Typically 0V. This can
be made a negative voltage as long as 2.8V ≤ (V+ – V–)
≤ 11.75V
independent of transistor β. The bootstrap arrangement
also enhances gain by improving output impedance. A
pair of complementary common emitter stages, Q15 and
Q14, enables the output to swing to either rail. The SHDN
Interface block translates the SHDN signal into pwr_dn
for powering down the device (by deactivating current
sources I1 - I4) and putting the output in a high impedance
state (by shorting the bases of Q15/Q14 to the supplies
via M2 and M1).
APPLICATIONS INFORMATION
Figure 1. LTC6226/LTC6227 Simplified Schematic Diagram
SHDN
62267 F01
V+
V–
V+
CC
V–
V–
Q15
Q2
Q11
Q1
+IN
ESDD1
SHDN
INTERFACE
BLOCK
pwr_dn
I1
+
pwr_dn
I4
pwr_dn
I3
pwr_dn
pwr_dn
+IN
ESDD4
ESDD6
ESDD5
OUT
V+
V+
V–
ESDD3
ESDD2
D5
D7
R1
R2
R3
R3
R4
R5
M1
C1
Q10
Q9
Q8
Q14
Q13
Q12
BUFFER
AND
OUTPUT BIAS
C2
M2
pwr_dn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com