Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 14 Page - Analog Devices

Part # LT6232
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT6232 Datasheet HTML 10Page - Analog Devices LT6232 Datasheet HTML 11Page - Analog Devices LT6232 Datasheet HTML 12Page - Analog Devices LT6232 Datasheet HTML 13Page - Analog Devices LT6232 Datasheet HTML 14Page - Analog Devices LT6232 Datasheet HTML 15Page - Analog Devices LT6232 Datasheet HTML 16Page - Analog Devices LT6232 Datasheet HTML 17Page - Analog Devices LT6232 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6226/LTC6227
14
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, RL = 1kΩ to Half Supply,
TA = 25°C, unless otherwise noted.
Distortion vs Frequency,
AV = 2, 3V Supply
Maxium Undistorted Output
Signal vs Frequency
0.1% Settling Time
vs Output Step
SHDN Pin Response Time
Large Signal Response
Small Signal Response
Output Overdriven Recovery
VS = 3V, 0V
VCM=1V
VOUT = 1VP–P
RL to VCM
TA = 25°C
RL = 100, 2nd
RL = 1k, 2nd
RL = 1k, 3rd
RL = 100, 3rd
FREQUENCY (Hz)
100k
1M
10M
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
62267 G40
VS = ±5V
VS = ±2.5V
VS = ±1.5V
AV = +2
AV = –1
AV = –1
AV = +2
AV = –1
TA = 25°C
RL = 1kΩ
HD2, HD3 < –40dBc
FREQUENCY (MHz)
0.1
1
10
20
0
1
2
3
4
5
6
7
8
9
10
62267 G41
AV = +1
TA = 25°C
VS = ±5V (5.5V/–4.5V for STEP SIZE >7V)
OUTPUT STEP (V)
–8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6 7 8
40
50
60
70
80
62267 G42
VS = ±5V
TA = 25°C
AV = 1
INPUT
1V/DIV
OUTPUT
1V/DIV
SHDN
2.25V
1V/DIV
2µs/DIV
62267 G43
VS = ±5V
AV = 1
RL = 1kΩ
TA = 25°C
100ns/DIV
0V
1.5V/DIV
62267 G44
VS = ±5V
RL = 1k
AV = 1
TA = 25°C
INPUT
50mV/DIV
OUTPUT
50mV/DIV
5ns/DIV
62267 G45
VS = ±5V
AV=2
RL=1kΩ
TA=25°C
OUTPUT
INPUT
100ns/DIV
INPUT
1V/DIV
OUTPUT
2V/DIV
62267 G46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com