Electronic Components Datasheet Search
  English  ▼

X  

LT6232 Datasheet(PDF) 12 Page - Analog Devices

Part # LT6232
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6232 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT6232 Datasheet HTML 8Page - Analog Devices LT6232 Datasheet HTML 9Page - Analog Devices LT6232 Datasheet HTML 10Page - Analog Devices LT6232 Datasheet HTML 11Page - Analog Devices LT6232 Datasheet HTML 12Page - Analog Devices LT6232 Datasheet HTML 13Page - Analog Devices LT6232 Datasheet HTML 14Page - Analog Devices LT6232 Datasheet HTML 15Page - Analog Devices LT6232 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTC6226/LTC6227
12
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, RL = 1kΩ to Half Supply,
TA = 25°C, unless otherwise noted.
Open Loop Gain, VS = ±2.5V
Open Loop Gain, VS = ±1.5V
Gain vs Frequency AV = 1
Gain vs Frequency AV = 2
Open Loop Gain and Phase
vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Output Impedance
vs Frequency
Common Mode Rejection Ratio
vs Frequency
TA = 25 °C
RL=1kΩ
RL=100Ω
OUTPUT VOLTAGE (V)
–2.5 –2 –1.5 –1 –0.5 0 0.5 1 1.5 2 2.5
–40
–32
–24
–16
–8
0
8
16
24
32
40
62267 G22
TA = 25°C
RL=1kΩ
RL=100Ω
OUTPUT VOLTAGE (V)
–1.5
–1
–0.5
0
0.5
1
1.5
–40
–32
–24
–16
–8
0
8
16
24
32
40
62267 G22
VS = ±5 V
RL = 1kΩ
TA = 25 °C
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
–12
–9
–6
–3
0
3
62267 G24
VS = ±5V
TA = 25 °C
RF = RG = 301kΩ
RL = 1kΩ
FREQUENCY (Hz)
10k
100k
1M
10M
100M
1G
–18
–15
–12
–9
–6
–3
0
3
6
9
62267 G25
VS = ±5V
TA = 25° C
RL = 1kΩ
GAIN
PHASE
FREQUENCY (Hz)
500k 1M
10M
100M
500M
–5
5
15
25
35
45
55
65
75
62267 G26
TA = 25 °C
RL = 1kΩ TO HALF SUPPLY
VCM = HALF SUPPLY
GAIN BANDWIDTH PRODUCT
PHASE MARGIN
TOTAL SUPPLY VOLTAGE (V)
2.80
4.29
5.78
7.27
8.77 10.26 11.75
400
405
410
415
420
425
430
435
440
445
450
60
62
64
66
68
70
72
74
76
78
80
62267 G27
RL = 1kΩ
GBW, VS = ±5V
GBW, VS = ±2.5V
PHASE MARGIN, VS = ±2.5V
GBW, VS = ±1.5V
PHASE MARGIN, VS = ±1.5V
PHASE MARGIN, VS = ±5.0V
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
300
330
360
390
420
450
480
510
540
570
600
40
44
48
52
56
60
64
68
72
76
80
62267 G28
VS = ±5 V
TA=25°C
AV = 1
AV = 10
AV = 2
FREQUENCY (Hz)
10k
100k
1M
10M
100M
0.0001
0.001
0.01
0.1
1
10
100
62267 G29
VS = ±5V
TA=25°C
FREQUENCY (Hz)
100k
1M
10M
100M
500M
0
10
20
30
40
50
60
70
80
90
100
110
62267 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com