Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 9 Page - Analog Devices

Part # LT6201
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT6201 Datasheet HTML 5Page - Analog Devices LT6201 Datasheet HTML 6Page - Analog Devices LT6201 Datasheet HTML 7Page - Analog Devices LT6201 Datasheet HTML 8Page - Analog Devices LT6201 Datasheet HTML 9Page - Analog Devices LT6201 Datasheet HTML 10Page - Analog Devices LT6201 Datasheet HTML 11Page - Analog Devices LT6201 Datasheet HTML 12Page - Analog Devices LT6201 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC6226/LTC6227
9
Rev 0
For more information www.analog.com
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V,VCM = 1.5V, VSHDN = floating unless
otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = 3V, 0V)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If any of
the input or shutdown pins goes 300mV beyond either supply or the
differential input voltage exceeds 0.7V, the input current should be limited
to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output current is high.
Note 4: The LTC6226I/LTC6227I are guaranteed functional and specified
over the temperature range of –40°C to 85°C. The LTC6226H/LTC6227H
are guaranteed and specified functional over the temperature range of
–40°C to 125°C.
Note 5: Matching parameters are the difference between amplifiers A and
B on the LTC6227.
Note 6: The input bias current is the average of the average of the currents
through the positive and negative input pins.
Note 7: Supply Voltage Range is guaranteed by Power Supply Rejection
Ratio test.
Note 8: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are with short traces
connected to the leads.
Note 9: Middle 2/3 of the output waveform is observed for Slew Rate.
RL = 1k to half supply.
Note 10: Input Common Mode Range is guaranteed by Common Mode
Rejection Ratio Test.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HD2/HD3 Harmonic Distortion, RL = 1kΩ to VCM,
VOUT = 1VP-P, VCM = 1V
fC = 100kHz
fC = 1MHz
fC = 2MHz
–122/–137
–108/–111
–95/–95
dBc
dBc
dBc
Harmonic Distortion, RL = 100Ω to VCM,
VOUT = 1VP-P, VCM = 1V
fC = 100kHz
fC = 1MHz
fC = 2MHz
–113/–130
–100/–94
–90/–79
dBc
dBc
dBc
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Distribution
Offset Distribution
Offset Distribution
VS = ±5V, VCM = 0V, RL = 1kΩ to Half Supply,
TA = 25°C, unless otherwise noted.
VS = ±5V
VCM = 0V
T
300 UNITS
A = 25°C
INPUT OFFSET VOLTAGE (µV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
62267 G01
VS = 5V, 0V
VCM = 2.5V
TA = 25°C
INPUT OFFSET VOLTAGE (µV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
62267 G02
300 UNITS
VS = 3V, 0V
VCM = 1.5V
TA= 25°C
INPUT OFFSET VOLTAGE (µV)
–50 –40 –30 –20 –10 0 10 20 30 40 50
0
5
10
15
20
25
30
35
40
45
50
62267 G03
300 UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com