Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 20 Page - Analog Devices

Part # LT6201
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT6201 Datasheet HTML 16Page - Analog Devices LT6201 Datasheet HTML 17Page - Analog Devices LT6201 Datasheet HTML 18Page - Analog Devices LT6201 Datasheet HTML 19Page - Analog Devices LT6201 Datasheet HTML 20Page - Analog Devices LT6201 Datasheet HTML 21Page - Analog Devices LT6201 Datasheet HTML 22Page - Analog Devices LT6201 Datasheet HTML 23Page - Analog Devices LT6201 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LTC6226/LTC6227
20
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 6. Single-Ended to Differential Driver for 16-Bit ADC
Figure 7. Measured Performance of the LTC6227 Based Single-Ended to Differential Converter Driving the LTC2323-16 ADC
–
+
200pF
62267 F06
TO CONTROL
LOGIC
(FPGA, CPLD,
DSP, ETC.)
1/2 LTC6227
AIN1+
AIN–
LTC2323-16
REFOUT1
VBYP1
SDO1
CLKOUT
SCK
–
+
1/2 LTC6227
50
5.5V
50
310
310
4.096V
0V
–5.5V
2.048V
200pF
10µF
10µF
SNR = 81 dB
SFDR = 84.35 dB
7.3VP–P 156.25kHz Input Signal
THD = –78.5 dBC
FREQUENCY (kHz)
0
500
1000
1500
2000
2500
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
62267 F07
High Speed Low Voltage Low Noise Instrumentation
Amplifier with High CMRR
Figure 8 shows a three op amp instrumentation ampli-
fier with a gain of 10V/V which can operate on a wide
range of supply voltages. The resistors are implemented
using instances of the LT5401, a matched resistor array
chip. The resistor matching of U3 is crucial in achieving
high common mode rejection. The front end gain stage
resistors were also implemented using instances of the
LT5401, but can be implemented using other means
as well, since they are not crucial for common mode
rejection. Implementing them using the LT5401 minimizes
gain variation across temperature. The amplifiers were
implemented using instances of the LTC6227MS8, and
supply voltages of ±1.5V were used. Figure 9 shows the
measured frequency response, and Figure 10 shows the
measured CMRR of the instrumentation amplifier, with the
single ended output observed. Figure 11 shows the tran-
sient response for a 150mVP-P input square wave.The low
offset and 1/f noise allow for wide band operation down
to DC. The broadband input referred noise of 4.6nV/√Hz
is dominated by the resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com