Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 13 Page - Analog Devices

Part # LT6201
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT6201 Datasheet HTML 9Page - Analog Devices LT6201 Datasheet HTML 10Page - Analog Devices LT6201 Datasheet HTML 11Page - Analog Devices LT6201 Datasheet HTML 12Page - Analog Devices LT6201 Datasheet HTML 13Page - Analog Devices LT6201 Datasheet HTML 14Page - Analog Devices LT6201 Datasheet HTML 15Page - Analog Devices LT6201 Datasheet HTML 16Page - Analog Devices LT6201 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC6226/LTC6227
13
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, RL = 1kΩ to Half Supply,
TA = 25°C, unless otherwise noted.
Power Supply Rejection Ratio
vs Frequency
Slew Rate vs Temperature
Overshoot
vs Capacitive Load (AV = +1)
Overshoot
vs Capacitive Load (AV = +2)
Distortion vs Frequency,
AV = 1, ±5V Supply
Distortion vs Frequency,
AV = 1, 5V Supply
VS = ±5V
VCM = 0V
TA = 25°C
PSRR+
PSRR–
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M 100M
–10
10
30
50
70
90
110
130
62267 G31
AV = +4,RL=1kΩ
SLEW RATE MEASURED AT MIDDLE
2/3 OF OUTPUT
RISING
FALLING
RISING
FALLING
VS = ±5V, VOUT = 8VP–P
VS = ±2.5V,VOUT
= 4VP–P
VS = ±1.5V, VOUT = 2VP–P
FALLING
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
0
50
100
150
200
250
300
62267 G32
RS = 20 Ω
RS = 50 Ω
RS = 10 Ω
VS = ±5 V
CAPACITIVE LOAD (pF)
10
100
1000
10000
0
5
10
15
20
25
30
35
40
45
50
62267 G33
VOUT
1k
VIN
RS
CL
VS = ±5V
RS=10Ω CF = 0
RS=20Ω CF = 0
RS=50Ω CF = 0
RS=10Ω CF = 2.7pF
RS=20Ω CF = 2.7pF
RS=50Ω CF = 2.7pF
CAPACITIVE LOAD (pF)
10
100
1000
10000
0
15
30
45
60
75
62267 G34
VOUT
1k
301
301
VIN
RS
CF
CL
VS = ±5V
TA=25°C
VOUT = 4VP-P
RL =1kΩ, 2nd
VOUT = 4VP-P
RL = 1kΩ, 3rd
VOUT = 2VP-P
RL = 1kΩ, 3rd
VOUT = 2VP-P
RL = 1kΩ, 2nd
VOUT = 4VP-P
RL =100Ω, 3rd
VOUT = 4VP–P
RL=100Ω, 2nd
FREQUENCY (Hz)
100k
1M
10M
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
62267 G35
VS = 5V, 0V
VOUT = 2VP–P
RL to MID–SUPPLY
TA=25°C
RL = 1kΩ, 2nd
RL = 100Ω, 2nd
RL = 1kΩ, 3rd
RL = 100Ω, 3rd
FREQUENCY (Hz)
100k
1M
10M
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
62267 G36
Distortion vs Frequency,
AV = 1, 3V Supply
Distortion vs Frequency,
AV = 2, ±5V Supply
Distortion vs Frequency,
AV = 2, 5V Supply
RL = 100Ω, 2nd
VS = 3V, 0V
VOUT = 1VP–P
VCM = 1V
RL to VCM
TA = 25°C
RL = 1kΩ, 2nd
RL = 1kΩ, 3rd
RL = 100Ω, 3rd
FREQUENCY (Hz)
100k
1M
10M
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
62267 G37
VS = ±5V
TA = 25°C
VOUT = 4VP–P
RL = 100Ω, 3rd
VOUT = 4VP–P
RL = 100Ω, 2nd
VOUT = 4VP–P
RL =1kΩ, 2nd
VOUT = 4VP–P
RL = 1kΩ, 3rd
VOUT = 2VP–P
RL = 1kΩ, 3rd
VOUT = 2VP–P
RL = 1kΩ, 2nd
FREQUENCY (Hz)
100k
1M
10M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
62267 G38
VS = 5V, 0V
VOUT = 2VP–P
RL to MID–SUPPLY
TA = 25°C
RL = 1kΩ, 2nd
RL = 100Ω, 2nd
RL = 1kΩ, 3rd
RL = 100Ω, 3rd
FREQUENCY (Hz)
100k
1M
10M
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
62267 G39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com