Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 11 Page - Analog Devices

Part # LT6201
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6201 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT6201 Datasheet HTML 7Page - Analog Devices LT6201 Datasheet HTML 8Page - Analog Devices LT6201 Datasheet HTML 9Page - Analog Devices LT6201 Datasheet HTML 10Page - Analog Devices LT6201 Datasheet HTML 11Page - Analog Devices LT6201 Datasheet HTML 12Page - Analog Devices LT6201 Datasheet HTML 13Page - Analog Devices LT6201 Datasheet HTML 14Page - Analog Devices LT6201 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC6226/LTC6227
11
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, RL = 1kΩ to Half Supply,
TA = 25°C, unless otherwise noted.
Supply Current vs Supply Voltage
Supply Current vs Input Common
Mode Voltage
Supply Current
vs SHDN Pin Voltage
SHDN Pin Current
vs SHDN Pin Voltage
Minimum Supply Voltage
VCM = VS/2
125°C
25°C
–55°C
85°C
TOTAL SUPPLY VOLTAGE (V)
0 1 2 3 4 5 6 7 8 9 10 11 12
0
1
2
3
4
5
6
7
8
62267 G13
TA = 125°C
TA = 25°C
TA = –55°C
TA = 85°C
INPUT COMMON MODE VOLTAGE (V)
–5.1 –4.2 –3.3 –2.4 –1.5 –0.6 0.3 1.2 2.1 3.0 3.9
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
62267 G014
VS = ±5V
TA = 125°C
TA = 25°C
TA = –55°C
TA = 85°C
SHDN PIN VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
62267 G14
VS = ±5V
TA = –55°C
TA = 125°C
TA = 25°C
TA = –85°C
SHDN PIN VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–20.0
–17.5
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
62267 G16
TA = 125°C
TA = 85°C
TA = 25°C
TA = –55°C
VCM = VEE+1V
TOTAL SUPPLY VOLTAGE (V)
2 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0
–20
0
20
40
60
80
100
120
62267 G17
Output Saturation Voltage
vs Load Current (Output High)
Output Saturation Voltage
vs Load Current (Output Low)
Output Short Circuit Current
vs Supply Voltage
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±5V
TA = 85°C
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
100
0.01
0.1
1
62267 G18
TA = 125°C
TA = –55°C
TA = 25°C
VS = ±5V
TA = 85°C
LOAD CURRENT (mA)
0.001
0.01
0.1
1
10
100
0.01
0.1
1
62267 G19
SOURCE
SINK
TA = –55°C
TA = –55°C
TA = 25°C
TA = 25°C
TA = 125°C
TA = 125°C
TA = 85°C
TA = 85°C
TOTAL SUPPLY VOLTAGE (V)
2.8 3.7 4.6 5.5 6.4 7.3 8.2 9.1 10.0 10.9 11.8
–100
–80
–60
–40
–20
0
20
40
60
80
100
62267 G20
Open Loop Gain, VS = ±5V
TA = 25 °C
RL=1kΩ
RL=100Ω
OUTPUT VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–40
–32
–24
–16
–8
0
8
16
24
32
40
62267 G21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com