Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 4Page - Analog Devices LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices LTC6900 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6994-1/LTC6994-2
8
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Typical VSET Distribution
V+ = 3.3V, RSET = 200k and TA = 25°C unless otherwise noted.
VSET (V)
0.98
0
100
50
150
200
250
0.996
1.004
1.012
1.02
0.988
699412 G19
2 LOTS
DFN AND SOT-23
1274 UNITS
Supply Current vs Temperature
Supply Current vs Supply Voltage
Supply Current vs IN Pin Voltage
Supply Current vs tDELAY (5V)
Supply Current vs tDELAY (2.5V)
tDELAY (ms)
50
100
150
200
250
0.001
0.1
1
100
699412 G23
0
0.01
10
ACTIVE
IDLE
V+ = 5V
CLOAD = 5pF
RLOAD = ∞
ACTIVE CURRENT MEASURED
USING LTC6994-1 WITH
fIN = 1/(2 • tDELAY)
÷1
÷8
tDELAY (ms)
50
100
150
200
250
0.001
0.1
1
100
699412 G24
0
0.01
10
ACTIVE
IDLE
V+ = 2.5V
CLOAD = 5pF
RLOAD = ∞
÷1
÷8
ACTIVE CURRENT MEASURED
USING LTC6994-1 WITH
fIN = 1/(2 • tDELAY)
SUPPLY VOLTAGE (V)
2
0
50
100
150
200
250
300
3
4
5
6
699412 G20
LTC6994-1
IS(ACTIVE) MEASURED
WITH fIN = 1/(2 • tDELAY)
RSET = 50k,
÷1, ACTIVE
RSET = 100k, ÷8, ACTIVE
RSET = 100k, ÷8, IDLE
RSET = 800k, ÷512
RSET = 50k,
÷1, IDLE
CLOAD = 5pF
RLOAD = ∞
TEMPERATURE (°C)
–50 –25
0
50
100
150
200
250
0
25
50
75
100 125
699412 G21
RSET = 100k, ÷8, ACTIVE
RSET = 50k, ÷1, ACTIVE
RSET = 100k, ÷8, IDLE
RSET = 50k, ÷1, IDLE
RSET = 800k, ÷512
LTC6994-1
IS(ACTIVE) MEASURED
WITH fIN = 1/(2 • tDELAY)
CLOAD = 5pF
RLOAD = ∞
VIN/V+ (V/V)
0
150
200
250
0.8
699412 G22
100
50
0
0.2
0.4
0.6
1.0
5V
IN FALLING
5V
IN RISING
3.3V
IN RISING
3.3V
IN FALLING
CLOAD = 5pF
RLOAD = ∞
Peak-to-Peak Jitter vs tDELAY
IN Threshold Voltage
vs Supply Voltage
Typical ISET Current Limit vs V+
SUPPLY VOLTAGE (V)
699412 G25
3.5
1.0
2.0
3.0
0.5
1.5
2.5
0
2
4
3
5
6
POSITIVE GOING
NEGATIVE GOING
tDELAY (ms)
0.4
0.8
1.2
0.2
0.6
1.0
0.001
0.1
1
10
100
699412 G26
0
0.01
÷1, 5.5V
÷8, 5.5V
÷1, 2.25V
÷8, 2.25V
÷64
÷512
÷4096
PEAK-TO-PEAK
tDELAY VARIATION
MEASURED OVER
30s INTERVALS
SUPPLY VOLTAGE (V)
699412 G27
1000
400
800
200
600
0
2
4
3
5
6
SET PIN SHORTED TO GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com