Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices LTC6900 Datasheet HTML 10Page - Analog Devices LTC6900 Datasheet HTML 11Page - Analog Devices LTC6900 Datasheet HTML 12Page - Analog Devices LTC6900 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC6994-1/LTC6994-2
9
Rev. C
For more information www.analog.com
Output Resistance
vs Supply Voltage
Input Propagation Delay (tPD)
vs Supply Voltage
Rise and Fall Time
vs Supply Voltage
SUPPLY VOLTAGE (V)
699412 G29
3.0
1.5
2.5
1.0
0.5
2.0
0
2
4
3
5
6
CLOAD = 5pF
tRISE
tFALL
SUPPLY VOLTAGE (V)
699412 G30
50
25
20
35
45
5
10
15
30
40
0
2
4
3
5
6
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT
SUPPLY VOLTAGE (V)
2
10
15
6
699412 G28
5
0
3
4
5
25
20
CLOAD = 5pF
Start-Up, RSET = 800k
(LTC6994-1)
Start-Up, RSET = 50k
(LTC6994-2, POL = 1)
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 3.3V, RSET = 200k and TA = 25°C unless otherwise noted.
V+
2V/DIV
IN
2V/DIV
OUT
2V/DIV
V+ = 2.5V
1ms/DIV
699412 G31
7.2ms
V+
2V/DIV
IN
2V/DIV
OUT
2V/DIV
V+ = 2.5V
100µs/DIV
699412 G32
500µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com