Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 2 Page - Analog Devices

  LTC6900 Datasheet HTML 1Page - Analog Devices LTC6900 Datasheet HTML 2Page - Analog Devices LTC6900 Datasheet HTML 3Page - Analog Devices LTC6900 Datasheet HTML 4Page - Analog Devices LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC6994-1/LTC6994-2
2
Rev. C
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+) to GND ........................................6V
Maximum Voltage on Any Pin
.................................. (GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Operating Temperature Range (Note 2)
LTC6994C............................................–40°C to 85°C
LTC6994I .............................................–40°C to 85°C
LTC6994H.......................................... –40°C to 125°C
LTC6994MP....................................... –55°C to 125°C
(Note 1)
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6994CDCB-1#TRMPBF LTC6994CDCB-1#TRPBF LFCT
6-Lead (2mm x 3mm) Plastic DFN
0°C to 70°C
LTC6994IDCB-1#TRMPBF LTC6994IDCB-1#TRPBF
LFCT
6-Lead (2mm x 3mm) Plastic DFN
–40°C to 85°C
LTC6994HDCB-1#TRMPBF LTC6994HDCB-1#TRPBF LFCT
6-Lead (2mm x 3mm) Plastic DFN
–40°C to 125°C
LTC6994CS6-1#TRMPBF
LTC6994CS6-1#TRPBF
LTFCV
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6994IS6-1#TRMPBF
LTC6994IS6-1#TRPBF
LTFCV
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6994HS6-1#TRMPBF
LTC6994HS6-1#TRPBF
LTFCV
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6994CDCB-2#TRMPBF LTC6994CDCB-2#TRPBF LFCW
6-Lead (2mm x 3mm) Plastic DFN
0°C to 70°C
LTC6994IDCB-2#TRMPBF LTC6994IDCB-2#TRPBF
LFCW
6-Lead (2mm x 3mm) Plastic DFN
–40°C to 85°C
LTC6994HDCB-2#TRMPBF LTC6994HDCB-2#TRPBF LFCW
6-Lead (2mm x 3mm) Plastic DFN
–40°C to 125°C
LTC6994CS6-2#TRMPBF
LTC6994CS6-2#TRPBF
LTFCX
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6994IS6-2#TRMPBF
LTC6994IS6-2#TRPBF
LTFCX
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6994HS6-2#TRMPBF
LTC6994HS6-2#TRPBF
LTFCX
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6994MPS6-1#TRMPBF LTC6994MPS6-1#TRPBF LTFCV
6-Lead Plastic TSOT-23
–55°C to 125°C
LTC6994MPS6-2#TRMPBF LTC6994MPS6-2#TRPBF LTFCX
6-Lead Plastic TSOT-23
–55°C to 125°C
TOP VIEW
OUT
GND
IN
V+
DIV
SET
DCB PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 150°C, θJA = 64°C/W, θJC = 10.6°C/W
EXPOSED PAD (PIN 7) CONNECTED TO GND,
PCB CONNECTION OPTIONAL
IN 1
GND 2
SET 3
6 OUT
5 V+
4 DIV
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W, θJC = 51°C/W
PIN CONFIGURATION
Specified Temperature Range (Note 3)
LTC6994C................................................ 0°C to 70°C
LTC6994I .............................................–40°C to 85°C
LTC6994H.......................................... –40°C to 125°C
LTC6994MP....................................... –55°C to 125°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
S6 Package.......................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com