Electronic Components Datasheet Search
  English  ▼

X  

LTC6900 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Delay Block/ Debouncer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6900 Datasheet HTML 18Page - Analog Devices LTC6900 Datasheet HTML 19Page - Analog Devices LTC6900 Datasheet HTML 20Page - Analog Devices LTC6900 Datasheet HTML 21Page - Analog Devices LTC6900 Datasheet HTML 22Page - Analog Devices LTC6900 Datasheet HTML 23Page - Analog Devices LTC6900 Datasheet HTML 24Page - Analog Devices LTC6900 Datasheet HTML 25Page - Analog Devices LTC6900 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC6994-1/LTC6994-2
22
Rev. C
For more information www.analog.com
TYPICAL APPLICATIONS
Delayed One-Shot
LTC6994-1
OUT
V+
DIV
IN
GND
SET
604k
IN
OUT
5V
0.1µF
IN
699412 TA02
LTC6993-1
tRISE_DELAY = 50ms
DELAY
50ms
DELAY
SHOT
SHOT
10ms
tONESHOT = 10ms
OUT
V+
DIV
TRIG
GND
SET
121k
5V
0.1µF
DELAYED PULSE OUT
1M
392k
Pulse Stretcher
LTC6994-1
OUT
V+
DIV
IN
GND
SET
tMIN = 1ms
OUTPUT PULSE DURATION = tPULSE_IN + 1ms
V+
0.1µF
976k
699412 TA03
787k
OUT
IN
IN
OUT
tMIN
182k
tMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com