Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6930
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 16Page - Analog Devices LTC6930 Datasheet HTML 17Page - Analog Devices LTC6930 Datasheet HTML 18Page - Analog Devices LTC6930 Datasheet HTML 19Page - Analog Devices LTC6930 Datasheet HTML 20Page - Analog Devices LTC6930 Datasheet HTML 21Page - Analog Devices LTC6930 Datasheet HTML 22Page - Analog Devices LTC6930 Datasheet HTML 23Page - Analog Devices LTC6930 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
20
Rev. D
For more information www.analog.com
Basic Operation
The simplest and most accurate method to program the
LTC6992 is to use a single resistor, RSET, between the
SET and GND pins. The design procedure is a four step
process. After choosing the proper LTC6992 version and
POL bit setting, select the NDIV value and then calculate
the value for the RSET resistor.
Alternatively, Analog Devices offers the easy to use
TimerBlox Designer tool to quickly design any LTC6992
based circuit. Use the free TimerBlox LTC6992: PWM
Web-Based Design Tool.
Step 1: Selecting the POL Bit Setting
Most applications will use POL = 0, resulting in a posi-
tive transfer function. However, some applications may
require a negative transfer function, where increasing
VMOD reduces the output duty cycle. For example, if the
LTC6992 is used in a feedback loop, POL = 1 may be
required to achieve negative feedback.
Step 2: Selecting the LTC6992 Version
The difference between the LTC6992 versions is
observed at the endpoints of the duty cycle control range.
Applications that require the output to never stop oscil-
lating should use the LTC6992-2. On the other hand, if
the output should be allowed to rest at GND or V+ (0% or
100% duty cycle), select the LTC6992-1.
The LTC6992-3 and LTC6992-4 clamp the duty cycle at
only one end of the control range, allowing the output to
stop oscillating at the other extreme. If POL = 1 the clamp
will swap from low duty cycle to high, or vice-versa. Refer
to Table 2 and Figure 4 for assistance in selecting the
proper version.
Step 3: Selecting the NDIV Frequency Divider Value
As explained earlier, the voltage on the DIV pin sets the
DIVCODE which determines both the POL bit and the
NDIV value. For a given output frequency, NDIV should be
selected to be within the following range.
62.5kHz
fOUT
≤ NDIV ≤
1MHz
fOUT
(1a)
APPLICATIONS INFORMATION
To minimize supply current, choose the lowest NDIV value
(generally recommended). For faster start-up or decreased
jitter, choose a higher NDIV setting. Alternatively, use
Table 1 as a guide to select the best NDIV value for the
given application.
With POL already chosen, this completes the selection of
DIVCODE. Use Table 1 to select the proper resistor divider
or VDIV/V+ ratio to apply to the DIV pin.
Step 4: Calculate and Select RSET
The final step is to calculate the correct value for RSET
using the following equation.
RSET =
1MHz • 50k
NDIV • fOUT
(1b)
Select the standard resistor value closest to the calculated
value.
Example: Design a PWM circuit that satisfies the following
requirements:
• fOUT = 20kHz
• Positive VMOD to duty cycle response
• Output can reach 100% duty cycle, but not 0%
• Minimum power consumption
Step 1: Selecting the POL Bit Setting
For positive transfer function (duty cycle increases with
VMOD), choose POL = 0.
Step 2: Selecting the LTC6992 Version
To limit the minimum duty cycle, but allow the maximum
duty cycle to reach 100%, choose LTC6992-4. (Note that
if POL = 1 the LTC6992-3 would be the correct choice.)
Step 3: Selecting the NDIV Frequency Divider Value
Choose an NDIV value that meets the requirements of
Equation (1a).
3.125 ≤ NDIV ≤ 50
Potential settings for NDIV include 4 and 16. NDIV = 4 is
the best choice, as it minimizes supply current by using



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com