Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC6930
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 23Page - Analog Devices LTC6930 Datasheet HTML 24Page - Analog Devices LTC6930 Datasheet HTML 25Page - Analog Devices LTC6930 Datasheet HTML 26Page - Analog Devices LTC6930 Datasheet HTML 27Page - Analog Devices LTC6930 Datasheet HTML 28Page - Analog Devices LTC6930 Datasheet HTML 29Page - Analog Devices LTC6930 Datasheet HTML 30Page - Analog Devices LTC6930 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
27
Rev. D
For more information www.analog.com
Motor Speed/Direction Control for Full H-Bridge (Locked Anti-Phase Drive)
TYPICAL APPLICATIONS
6992 TA07
LTC6992-2
MOTOR
A1
A2
CW CURRENT
FLOW
VS
12V
POWER H-BRIDGE
HIGH = SWITCH ON
MOD
GND
SET
OUT
V+
DIV
R1
1000k
0.1µF
INPUT 0V TO 1V
R2
280k
V+
R3
300k
2.6kHz, 5% TO 95% PWM
5% DC = CLOCKWISE
50% DC = STOPPED
95% DC = COUNTER CLOCKWISE
Motor Speed/Direction Control for Full H-Bridge (Sign/Magnitude Drive)
6992 TA08
LTC6992-2
MOTOR
A3
A4
A5
CW CURRENT
FLOW
VS
12V
POWER H-BRIDGE
HIGH = SWITCH ON
MOD
GND
SET
OUT
V+
DIV
R4
1000k
INPUT 0V TO 1V
R5
280k
V+
R3
300k
2.6kHz, 5% TO 95% PWM
5% DC = SLOW
95% DC = FAST
DIRECTION
H = CCW, L = CW
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com