Electronic Components Datasheet Search
  English  ▼

X  

LTC6930 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC6930
Description  Voltage-Controlled Pulse Width Modulator (PWM)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6930 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC6930 Datasheet HTML 25Page - Analog Devices LTC6930 Datasheet HTML 26Page - Analog Devices LTC6930 Datasheet HTML 27Page - Analog Devices LTC6930 Datasheet HTML 28Page - Analog Devices LTC6930 Datasheet HTML 29Page - Analog Devices LTC6930 Datasheet HTML 30Page - Analog Devices LTC6930 Datasheet HTML 31Page - Analog Devices LTC6930 Datasheet HTML 32Page - Analog Devices LTC6930 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTC6992-1/LTC6992-2/
LTC6992-3/LTC6992-4
29
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Radio Control Servo Pulse Generator
6992 TA11
LTC6992-1
C1
1µF
MOD
GND
SET
OUT
V+
DIV
R1
1000k
R2
681k
VS
OUTPUT
1ms TO 2ms PULSE EVERY 16ms
VS
LT1490
VS = 2.5V TO 5.5V
RSET
196k
R6
90.9k
R5
130k
R6
8.66k
SERVO
CONTROL
POT
10k
2ms
1ms
R6
9.09k
NDIV = 4096
fOUT = 62.5Hz, 16ms PERIOD
C2
0.22µF
0.1µF
0.1µF
Direct Voltage Controlled PWM Dimming (0 to 15000 Cd/m2 Intensity)
6992 TA12
LTC6992-1
MOD
GND
SET
OUT
V+
DIV
f = 7.5kHz
NDIV = 64
5V
D1
HIGH INTENSITY LED
SSL-LX5093XUWC
R2
280k
RSET
105k
VDIMMING
R1
1M
R3
90.9Ω
C1
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com