Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822M
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822M Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 28Page - Texas Instruments TAS5822M Datasheet HTML 29Page - Texas Instruments TAS5822M Datasheet HTML 30Page - Texas Instruments TAS5822M Datasheet HTML 31Page - Texas Instruments TAS5822M Datasheet HTML 32Page - Texas Instruments TAS5822M Datasheet HTML 33Page - Texas Instruments TAS5822M Datasheet HTML 34Page - Texas Instruments TAS5822M Datasheet HTML 35Page - Texas Instruments TAS5822M Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
OUTP
OUTN
OUTP
-OUTN
Speaker
Current
0 V
0 V
PVCC
No Output
Positive Output
Negative Output
0 A
0 A
0 V
-PVCC
Figure 7-10. 1SPW Mode Modulation
7.4.8.3 Hybrid Modulation
Hybrid Modulation is designed to minimized power loss without compromising the THD+N performance, and is
optimized for battery-powered applications. With Hybrid modulation enabled, device detects the input signal level
and adjust PWM duty cycle dynamically based on PVDD. Hybrid modulation achieves ultra low idle current and
maintains the same audio performance level as the BD Modulation. In order to minimize the power dissipation,
low switching frequency (For example, Fsw = 384 kHz) with proper LC filter (15 µH + 0.68 µF or 22 µH + 0.68
µF) is recommended.
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com