Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822M
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822M Datasheet(HTML) 2 Page - Texas Instruments

  TAS5822M Datasheet HTML 1Page - Texas Instruments TAS5822M Datasheet HTML 2Page - Texas Instruments TAS5822M Datasheet HTML 3Page - Texas Instruments TAS5822M Datasheet HTML 4Page - Texas Instruments TAS5822M Datasheet HTML 5Page - Texas Instruments TAS5822M Datasheet HTML 6Page - Texas Instruments TAS5822M Datasheet HTML 7Page - Texas Instruments TAS5822M Datasheet HTML 8Page - Texas Instruments TAS5822M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings ....................................... 5
6.2 ESD Ratings .............................................................. 5
6.3 Recommended Operating Conditions ........................6
6.4 Thermal Information ...................................................6
6.5 Electrical Characteristics ............................................7
6.6 Timing Requirements ...............................................10
6.7 Typical Characteristics.............................................. 12
6.8 Parametric Measurement Information.......................21
7 Detailed Description......................................................22
7.1 Overview................................................................... 22
7.2 Functional Block Diagram......................................... 22
7.3 Feature Description...................................................22
7.4 Device Functional Modes..........................................28
7.5 Programming and Control.........................................33
7.6 Register Maps...........................................................38
8 Application and Implementation.................................. 71
8.1 Application Information............................................. 71
8.2 Typical Applications.................................................. 71
9 Power Supply Recommendations................................77
9.1 DVDD Supply............................................................77
9.2 PVDD Supply............................................................ 78
10 Layout...........................................................................79
10.1 Layout Guidelines................................................... 79
10.2 Layout Example...................................................... 81
11 Device and Documentation Support..........................82
11.1 Support Resources................................................. 82
11.2 Trademarks............................................................. 82
11.3 Electrostatic Discharge Caution.............................. 82
11.4 Glossary.................................................................. 82
12 Mechanical, Packaging, and Orderable
Information.................................................................... 82
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2020
*
Initial release.
TAS5822M
SLASEV8 – DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com