Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822M
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822M Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 17Page - Texas Instruments TAS5822M Datasheet HTML 18Page - Texas Instruments TAS5822M Datasheet HTML 19Page - Texas Instruments TAS5822M Datasheet HTML 20Page - Texas Instruments TAS5822M Datasheet HTML 21Page - Texas Instruments TAS5822M Datasheet HTML 22Page - Texas Instruments TAS5822M Datasheet HTML 23Page - Texas Instruments TAS5822M Datasheet HTML 24Page - Texas Instruments TAS5822M Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
6.8 Parametric Measurement Information
6.8.1 Power Consumption Summary
Free-air room temperature 25°C (unless others noted), LC filter = 10 µH + 0.68 µF, Enable DSP (96 kHz Process
Flow), 1SPW Modulation, DVDD = 3.3 V, ADR/FAULT pin pull up resistor = 4.7 kΩ, PDN pin pull up resistor = 10
kΩ.
VPVDD (V)
FSW(kHz)
State of Operation
IPVDD (mA)
IDVDD (mA)
PDISS(W)
18
384
Play (Idle)
33.16
18.04
0.656
Hi-Z
10.15
17.84
0.242
Sleep
7.01
0.76
0.129
Deep Sleep
0.12
0.75
0.005
Shutdown
0.009
0.33
0.001
768
Play (Idle)
28.66
18.04
0.575
Hi-Z
10.15
17.85
0.242
Sleep
7.01
0.76
0.129
Deep Sleep
0.12
0.75
0.005
Shutdown
0.009
0.33
0.001
1024
Play (Idle)
29.75
18.06
0.595
Hi-Z
10.15
17.86
0.242
Sleep
7.01
0.76
0.129
Deep Sleep
0.12
0.75
0.005
Shutdown
0.009
0.33
0.001
24
384
Play (Idle)
41.01
18.1
1.044
Hi-Z
10.29
17.88
0.306
Sleep
7.14
0.76
0.174
Deep Sleep
0.13
0.76
0.006
Shutdown
0.012
0.33
0.001
768
Play (Idle)
34.76
18.1
0.894
Hi-Z
10.29
17.87
0.306
Sleep
7.14
0.76
0.174
Deep Sleep
0.13
0.76
0.006
Shutdown
0.011
0.33
0.001
1024
Play (Idle)
34.64
18.1
0.891
Hi-Z
10.29
17.86
0.306
Sleep
7.15
0.76
0.174
Deep Sleep
0.13
0.75
0.006
Shutdown
0.012
0.33
0.001
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com