Electronic Components Datasheet Search
  English  ▼

X  

TAS5822M Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5822M
Description  TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5822M Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5822M Datasheet HTML 45Page - Texas Instruments TAS5822M Datasheet HTML 46Page - Texas Instruments TAS5822M Datasheet HTML 47Page - Texas Instruments TAS5822M Datasheet HTML 48Page - Texas Instruments TAS5822M Datasheet HTML 49Page - Texas Instruments TAS5822M Datasheet HTML 50Page - Texas Instruments TAS5822M Datasheet HTML 51Page - Texas Instruments TAS5822M Datasheet HTML 52Page - Texas Instruments TAS5822M Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
7.6.1.12 FS_MON Register (Offset = 37h) [reset = 0x00]
FS_MON is shown in Figure 7-24 and described in Table 7-20.
Return to Table 7-7.
Figure 7-24. FS_MON Register
7
6
5
4
3
2
1
0
RESERVED
BCLK_RATIO_HIGH
FS
R/W
R
R
Table 7-20. FS_MON Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R/W
00
This bit is reserved
5-4
BCLK_RATIO_HIGH
R
00
2 msbs of detected BCK ratio
3-0
FS
R
0000
These bits indicate the currently detected audio sampling rate.
0000 FS Error
0010 8KHz
0100 16KHz
0110 32KHz
1000 Reserved
1001 48KHz
1011 96KHz
1101 192KHz
Others Reserved
7.6.1.13 BCK_MON Register (Offset = 38h) [reset = 0x00]
BCK_MON is shown in Figure 7-25 and described in Table 7-21.
Return to Table 7-7.
Figure 7-25. BCK_MON Register
7
6
5
4
3
2
1
0
BCLK_RATIO_LOW
R
Table 7-21. BCK_MON Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
BCLK_RATIO_LOW
R
00000000
These bits indicate the currently detected BCK ratio, the number of
BCK clocks in one audio frame.
BCK = 32 FS~512 FS
www.ti.com
TAS5822M
SLASEV8 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TAS5822M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com