Electronic Components Datasheet Search
  English  ▼

X  

TAS2563RPPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 3Page - Texas Instruments TAS2563RPPR Datasheet HTML 4Page - Texas Instruments TAS2563RPPR Datasheet HTML 5Page - Texas Instruments TAS2563RPPR Datasheet HTML 6Page - Texas Instruments TAS2563RPPR Datasheet HTML 7Page - Texas Instruments TAS2563RPPR Datasheet HTML 8Page - Texas Instruments TAS2563RPPR Datasheet HTML 9Page - Texas Instruments TAS2563RPPR Datasheet HTML 10Page - Texas Instruments TAS2563RPPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 127 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TAS2563
UNIT
RPP (QFN)
YBG (WCSP)
32 PINS
42 PINS
RθJA
Junction-to-ambient thermal resistance
43.7
55.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.3
0.3
°C/W
RθJB
Junction-to-board thermal resistance
10.5
11.6
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.2
°C/W
ψJB
Junction-to-board characterization parameter
10.5
11.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
TA = 25 °C, VBAT = 3.6 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain = 16
dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision with
a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT
and OUTPUT
VIH
High-level digital input logic voltage
threshold (max current limit = 30 mA)
All digital pins except SDA_MOSI
and SCL_SELZ
0.65 ×
IOVDD
V
VIL
Low-level digital input logic voltage
threshold (max current limit = 30 mA)
All digital pins except SDA_MOSI
and SCL_SELZ
0.35 ×
IOVDD
V
VIH(I2C)
High-level digital input logic voltage
threshold (max current limit = 30
mA)
SDA_MOSI and SCL_SELZ
0.7 ×
IOVDD
V
VIL(I2C)
Low-level digital input logic voltage
threshold (max current limit = 30 mA)
SDA_MOSI and SCL_SELZ
0.3 ×
IOVDD
V
VOH
High-level digital output voltage (max
current limit = 30 mA)
All digital pins except
SDA_MOSI ,SCL_SELZ and IRQZ;
IOH = 2 mA.
IOVDD –
0.45 V
V
VOL
Low-level digital output voltage (max
current limit = 30 mA)
All digital pins except
SDA_MOSI ,SCL_SELZ and IRQZ;
IOL = –2 mA.
0.45
V
VOL(I2C)
Low-level digital output voltage (max
current limit = 30 mA)
SDA and SCL; IOL(I2C) = –2 mA.
0.2 ×
IOVDD
V
VOL(IRQZ)
Low-level digital output voltage for
IRQZ open drain Output (max
current limit = 30 mA)
IRQZ; IOL(IRQZ) = –2 mA.
0.45
V
IIH
Input logic-high leakage for digital
inputs
All digital pins; Input = VDD.
–5
0.1
5
µA
IIL
Input logic-low leakage for digital
inputs
All digital pins; Input = GND.
–5
0.1
5
µA
CIN
Input capacitance for digital inputs
All digital pins
8
pF
RPD
Pull down resistance for digital
input/IO pins when asserted on
SDOUT, SDIN, FSYNC, SBCLK
50
kΩ
AMPLIFIER PERFORMANCE - Internal Boost
Output Voltage for Full-scale digital
Input
Measured at -6 dB FS input
6.32
Vrms
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com