Electronic Components Datasheet Search
  English  ▼

X  

TAS2563RPPR Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 75Page - Texas Instruments TAS2563RPPR Datasheet HTML 76Page - Texas Instruments TAS2563RPPR Datasheet HTML 77Page - Texas Instruments TAS2563RPPR Datasheet HTML 78Page - Texas Instruments TAS2563RPPR Datasheet HTML 79Page - Texas Instruments TAS2563RPPR Datasheet HTML 80Page - Texas Instruments TAS2563RPPR Datasheet HTML 81Page - Texas Instruments TAS2563RPPR Datasheet HTML 82Page - Texas Instruments TAS2563RPPR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 127 page
background image
Table 8-110. Limiter Configuration 1 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
LIMB_HLD_TM[2:0]
RW
6h
VBAT Limiter hold time.
000b = 0 ms
001b = 10 ms
010b = 25 ms
011b = 50 ms
100b = 100 ms
101b = 250 ms
110b = 500 ms
111b = 1000 ms
8.5.22 DSP FREQUENCY & BOP_CFG0 (page=0x00 address=0x14) [reset=1h]
Sets BOP infinite hold clear, infinite hold enable, mute on brown out and enable.
Figure 8-41. DSP FREQUENCY & BOP_CFG0 Register Address: 0x14
7
6
5
4
3
2
1
0
Reserved
BOSD_EN
BOP_HLD_CLR BOP_INF_HLD
BOP_MUTE
BOP_EN
R-0h
RW-0h
RW-0h
RW-0h
RW-0h
RW-1h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-111. Brown Out Prevention 0 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R
0h
Reserved
4
BOSD_EN
RW
0h
Brown out prevention enable.
0b = Disabled
1b = Enabled
3
BOP_HLD_CLR
RW
0h
BOP infinite hold clear (self clearing).
0b = Don't clear
1b = Clear
2
BOP_INF_HLD
RW
0h
Infinite hold on brown out event.
0b = Use BOP_HLD_TM after brown out event
1b = Don't release until BOP_HLD_CLR is asserted high
1
BOP_MUTE
RW
0h
Mute on brown out event.
0b = Don't mute
1b = Mute followed by device shutdown
0
BOP_EN
RW
1h
Brown out prevention enable.
0b = Disabled
1b = Enabled
8.5.23 BOP_CFG0 (page=0x00 address=0x15) [reset=2Eh]
BOP attack rate, attack step size and hold time.
Figure 8-42. BOP_CFG0 Register Address: 0x15
7
6
5
4
3
2
1
0
BOP_ATK_RT[2:0]
BOP_ATK_ST[1:0]
BOP_HLD_TM[2:0]
RW-1h
RW-1h
RW-6h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
www.ti.com
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com