Electronic Components Datasheet Search
  English  ▼

X  

TAS2563RPPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 8Page - Texas Instruments TAS2563RPPR Datasheet HTML 9Page - Texas Instruments TAS2563RPPR Datasheet HTML 10Page - Texas Instruments TAS2563RPPR Datasheet HTML 11Page - Texas Instruments TAS2563RPPR Datasheet HTML 12Page - Texas Instruments TAS2563RPPR Datasheet HTML 13Page - Texas Instruments TAS2563RPPR Datasheet HTML 14Page - Texas Instruments TAS2563RPPR Datasheet HTML 15Page - Texas Instruments TAS2563RPPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
TA = 25 °C, VBAT = 3.6 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain = 16
dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision with
a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Group Delay (ROM MODE)
DC to 0.454 fs
38
1/fs
Group Delay (RAM Mode)
DC to 0.454 fs
TBD
1/fs
PCM PLAYBACK
CHARACTERISTICS fs > 48 kHz
fs
Sample Rates
88.2
96
kHz
Passband LPF Corner
fs = 96 kHz
0.42
fs
fs = 192 kHz
0.21
fs
Passband Ripple
DC to LPF cutoff
-0.5
0.5
dB
Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
dB
Group Delay (RAM Mode)
DC to 0.375 fs for 96 kHz
TBD
1/fs
CURRENT
SENSE
DNR
Dynamic range
Un-Weighted, Relative to 0 dBFS
69
dB
THD+N
Total harmonic distortion + noise
RL = 8 Ω + 33 µH, fin = 1 kHz, POUT
= 1 W
-56
dB
RL = 4 Ω + 33 µH, fin = 1 kHz, POUT
= 1 W
-57
dB
Full-scale input current
2.0
A
Current-sense accuracy
RL = 8 Ω + 33 µH, IOUT = 354 mARMS
(POUT = 1 W @ 1kHz)
±1
%
Current-sense gain error over
temperature
0°C to 70°C, 8 Ω, using a 60Hz
-40dB pilot tone
±1
%
Current-sense gain error over output
power
50mW to 0.1 % THD+N level, fin = 1
kHz, 8 Ω, using a 60Hz -40dB pilot
tone
±1.5
%
LPF passband corner
fs = 8 kHz to 48 kHz
0.417
fs
fs = 88.2 kHz
0.208
fs
fs = 96 kHz
0.208
fs
LPF passband ripple
-0.05
0.05
dB
LPF stopband attenuation
0.55 fs
60
dB
VOLTAGE
SENSE
DNR
Dynamic range
Un-Weighted, Relative 0 dBFS
69
dB
THD+N
Total harmonic distortion + noise
RL = 8 Ω + 33 µH, fin = 1 kHz, POUT
= 1W
-60
dB
RL = 4 Ω + 33 µH, fin = 1 kHz, POUT
= 1W
-60
dB
Full-scale input voltage
14
VPK
Voltage-sense accuracy
RL = 8 Ω + 33 µH, IOUT = 354 mARMS
(POUT = 1 W)
±0.5%
Voltage-sense gain error over
temperature
0°C to 70°C, 8 Ω, using a 60Hz
-40dB pilot tone
±0.5%
Voltage-sense gain error over output
power
50mV to 0.1 % THD+N level, 8 Ω,
using a 60Hz -40dB pilot tone
±0.5%
LPF passband corner
fs = 14.7 kHz to 48 kHz
0.417
fs
fs = 88.2 kHz
0.208
fs
fs = 96 kHz
0.208
fs
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com