Electronic Components Datasheet Search
  English  ▼

X  

TAS2563RPPR Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2563RPPR
Description  TAS2563 6.1-W Boosted Class-D Audio Amplifier With Integrated DSP And IV Sense
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2563RPPR Datasheet(HTML) 86 Page - Texas Instruments

Back Button TAS2563RPPR Datasheet HTML 82Page - Texas Instruments TAS2563RPPR Datasheet HTML 83Page - Texas Instruments TAS2563RPPR Datasheet HTML 84Page - Texas Instruments TAS2563RPPR Datasheet HTML 85Page - Texas Instruments TAS2563RPPR Datasheet HTML 86Page - Texas Instruments TAS2563RPPR Datasheet HTML 87Page - Texas Instruments TAS2563RPPR Datasheet HTML 88Page - Texas Instruments TAS2563RPPR Datasheet HTML 89Page - Texas Instruments TAS2563RPPR Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 127 page
background image
Figure 8-54. INT_LIVE4 Register Address: 0x22
7
6
5
4
3
2
1
0
INT_LIVE3[7]
Reserved
Reserved
INT_LIVE3[4]
INT_LIVE3[3]
Reserved
Reserved
Reserved
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-124. Live Interrupt Readback 3 Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_LIVE3[7]
R
0h
Device powe down flag
0b = No interrupt
1b = Interrupt
6
Reserved
R
0h
Reserved
5
Reserved
R
0h
Reserved
4
INT_LIVE3[4]
R
0h
PDM mic clock error flag
0b = No interrupt
1b = Interrupt
3
INT_LIVE3[3]
R
0h
ASI2 clock error flag
0b = No interrupt
1b = Interrupt
2
Reserved
R
0h
Reserved
1
Reserved
R
0h
Reserved
0
Reserved
R
0h
Reserved
8.5.36 INT_LTCH0 (page=0x00 address=0x24) [reset=0h]
Latched interrupt readback.
Figure 8-55. INT_LTCH0 Register Address: 0x24
7
6
5
4
3
2
1
0
INT_LTCH0[7]
INT_LTCH0[6]
INT_LTCH0[5]
INT_LTCH0[4]
INT_LTCH0[3]
INT_LTCH0[2]
INT_LTCH0[1]
INT_LTCH0[0]
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-125. Latched Interrupt Readback 0 Field Descriptions
Bit
Field
Type
Reset
Description
7
INT_LTCH0[7]
R
0h
Interrupt due to limiter mute (cleared using CLR_INTP_LTCH).
0b = No interrupt
1b = Interrupt
6
INT_LTCH0[6]
R
0h
Interrupt due to limiter infinite hold (cleared using
CLR_INTP_LTCH).
0b = No interrupt
1b = Interrupt
5
INT_LTCH0[5]
R
0h
Interrupt due to limiter max attenuation (cleared using
CLR_INTP_LTCH).
0b = No interrupt
1b = Interrupt
4
INT_LTCH0[4]
R
0h
Interrupt due to VBAT below limiter inflection point (cleared
using CLR_INTP_LTCH).
0b = No interrupt
1b = Interrupt
3
INT_LTCH0[3]
R
0h
Interrupt due to limiter active (cleared using CLR_INTP_LTCH).
0b = No interrupt
1b = Interrupt
TAS2563
SLASET3B – FEBRUARY 2020 – REVISED DECEMBER 2020
www.ti.com
86
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TAS2563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com