Electronic Components Datasheet Search
  English  ▼

X  

DM560P Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # DM560P
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM560P Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button DM560P Datasheet HTML 16Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 17Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 18Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 19Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 20Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
20
Preliminary
Version: DM560P-DS-P07
August 11, 2000
Hardware Protocol
The isolation protocol can be invoked by the Plug
and Play software at any time. The Initiation Key will
put all cards into configuration mode. The hardware
on each card expects 72 pairs of I/O read accesses
to the READ_DATA port. The card
response to
these reads depends on the value of each bit of the
serial identifier, which is examined one bit at a time,
as shown in Table 2.
If the current bit of the serial identifier is a "1," then
the card will drive the data bus to 55H to complete
the first I/O read cycle. If the bit is a “0,” then the card
puts its data bus driver into high impedance. All
cards in high impedance will check the data bus
during the I/O read cycle to sense if another card is
driving SD[1:0] to "01." During the second I/O read,
the card(s) that drove the 55H will now drive a AAH.
All high impedance cards will check the data bus to
sense if another card is driving SD [1:0] to "10."
If a high impedance card senses another card driving
the data bus with the appropriate data during both
cycles, it ceases to participate in the current iteration
of card isolation. Such cards, which lose out, will
participate in future iterations of the isolation
protocol.
Note: During each read cycle, the Plug and Play
hardware drives the entire 8-bit data bus, but checks
only the lower 2 bits. If a card is driving the bus or is
in high impedance state and does not sense another
card driving the bus, then it should prepare for the
next pair of I/O reads. The card shifts the serial
identifier by one bit, using the shifted bit to decide its
response. The above sequence is repeated for the
entire 72-bit serial identifier.
At the end of this process, one card remains. This
card is assigned a handle referred to as the Card
Select Number (CSN) that will be used later to select
the card. Cards that have been assigned a CSN will
not participate in subsequent iterations of the
isolation protocol. Cards must be assigned a CSN
before they will respond to the other PnP commands.
Software Protocol
The Plug and Play software sends the Initiation Key
to all Plug and Play cards to place them into
configuration mode. The software is then ready to
perform the isolation protocol.
The Plug and Play software generates 72 pairs of I/O
read cycles from the READ_DATA port. The
software checks the data returned from each pair of
I/O reads for the 55H or AAH driven by the hardware.
If both 55H or AAH are read back, then the software
assumes that the hardware has a "1" bit in that
position. All other bits are assumed to be a "0."
After 64 bits have been read, the software generates
a checksum using the received data. The checksum
is compared with the checksum read back in the last
8 bits of the sequence.
There are two other special considerations for
software protocol. During an iteration, it is possible
that the 55H and AAH combination is never
detected. It is also possible that the checksum does
not match. If either of these cases occurs on the first
iteration, it must be assumed that the READ_DATA
port is in conflict. If a conflict is detected, then the
READ_DATA port will be relocated. The above
process is repeated until a non-conflicting location
for the READ_DATA port is found. The entire range
between 203H and 3FFH is available; however, in
practice, it is expected that only a few locations will
be tried before software determines that no Plug and
Play cards are present.
During subsequent iterations, the occurrence of
either of these two special cases should be
interpreted as the absence of any further Plug and
Play cards (i.e. the last card was found in the
previous iteration). This terminates the isolation
protocol.
Note: The software must delay 1 msec prior to
starting the first pair of isolation reads, and wait 250
msec between each sub-sequence pair of isolation
reads. This delay gives the ISA card time to access
information from slow storage devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com