Electronic Components Datasheet Search
  English  ▼

X  

DM560P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DM560P
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM560P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DM560P Datasheet HTML 2Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
6
Preliminary
Version: DM560P-DS-P07
August 11, 2000
DM6583 Pin Description
Pin No.
Pin Name
I/O
Description
1 - 8
UD0 - UD7
I/O
Data Bus Signal, for internal modem:
These signals are connected to the data bus of the PC I/O. They are
used to transfer data between the PC and the DM6583.
Modem Control Output, for external modem:
Memory address mapping of the controller is E800H.
9
/IOR
I
I/O Read:
An active low input signal used to read data from the DM6583.
10, 41, 68,
85, 96
GND
P
Ground
11
/IOW
I
I/O Write:
An active low input signal used to write data to the DM6583.
12
/AEN
I
Address Enable:
This is an active low signal to enable the system address for
DM6583.
13 - 24
A11 - A0
I
System Address:
These signals are connected to the bus of PC I/O. They are used to
select DM6583 I/O ports.
A0~A7:Modem Control Input for external modem. Memory address
mapping of the controller is E800H.
25, 36, 52,
100
VDD
P
+5V Power Supply
26, 27, 28,
29, 33, 34,
35, 59
IRQ4, IRQ5,
IRQ7, IRQ10,
IRQ11, IRQ12,
IRQ15, IRQ3
O
Interrupt Request:
These are the interrupt request pins. Only one pin, which is
decoded from Configuration Register can be active. The active pin
will go high when an interrupt request is generated from the
DM6583.
30
RESET
I
Reset:
An active high signal used to reset the DM6583.
31
XTAL1
I
Crystal Oscillator Input
32
XTAL2
O
Crystal Oscillator Output
37
/PWR
O
Controller Program Write Enable:
This pin is used to enable FLASH ROM programming. In
configurations with no FLASH memory, this pin is not connected.
51
/LCS
I
Loop Current Detection. Modem Input Control:
This pin is mapped to bit0 of address D000H.
39
/RUCS
O
RX DSP Register Select Output:
Memory address mapping of the controller is E400H.
40,38
CA16,CA17
O
Bank Switch Control:
These signals are used to switch external program memory
between banks.
CA16 CA17
Bank 0
0
0
Bank 1
1
0
Bank 2
0
1
Bank 3
1
1
42
T0
I
Controller Counter 0 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com