Electronic Components Datasheet Search
  English  ▼

X  

DM560P Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # DM560P
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM560P Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button DM560P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 31Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 32Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
29
Version: DM560P-DS-P07
August 11, 2000
DM6581/82 Pin Description (continued)
Pin No.
Pin Name
I/O
Description
69
/RESET
I
Reset Pin Of DSP Chip, low active.
73
/IRQ0
I
Interrupt 0 Input
74
/IRQ1
I
Interrupt 1 Input
75
/IRQ2
I
Interrupt 2 Input
76
/IRQ3
I
Interrupt 3 Input
91, 92, 93
TEST, TEST1,
TEST2
I
These three pins define the testing mode operation of DM6581/
DM6582 as followed:
When Test=0
Test1 0,PLL output clock is 80.64 MHZ.
1,PLL output clock is 89.74 MHZ.
When Test=1:
Reserved for mass production testing mode.
All these 3 pins are pulled low internally.
96
FR_SP1
I/O
Frame Signal Of Serial Port 1
97
TD_SP1
O
Data Output Pin Of Serial Port 1
The serial data is clocked out through this pin according to the rising
edge of SCLK. The MSB is sent immediately after the falling edge of the
FR_SP1 signal.
98
RD_SP1
I
Data Input Pin Of The Serial Port 1
The serial data is sampled at the falling edge of the SCLK. The MSB is
coming immediately after the falling of FR_SP1 signal.
99
SCLK
I
Reference Clock For Serial Port 1 And Serial Port 2
100
TD_SP2
O
Data Output Pin Of Serial Port 2
The serial data is clocked out through this pin according to the rising
edge of SCLK. The MSB is sent immediately after the falling edge of the
FR_SP2 signal.
DM6581/82 Functional Description
System Clock
Reference Oscillator Clock
The reference frequency is provided by an external
40.32 MHz crystal oscillator. This is the clock source
of the Data Pump.
DSP Clock
This DSP clock is the output of an internal PLL
frequency synthesizer and its frequency can be
selected by Test1 pin. (see pin description )
CODEC Clock
This clock is output via the CODEC_CLK Pin as the
reference clock of the codec chip. This clock is derived
from dividing reference oscillator clock by two.
Serial Port
There are two serial ports to provide the interface with
CODEC chip. The serial port 1 (SP1) transfers 32 bits
in each frame while the serial port 2 can transfer 64
bits in each frame. The frame signal of each serial port
can be configured as either input signal or output
signal by the Serial Port Control Register (SPC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com