Electronic Components Datasheet Search
  English  ▼

X  

DM560P Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DM560P
Description  V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM560P Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM560P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 10Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 11Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 12Page - List of Unclassifed Manufacturers DM560P Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DM560P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
Preliminary
9
Version: DM560P-DS-P07
August 11, 2000
UART Clock
The internal clock of the virtual UART logic is fixed at
1.8432MHz. The clock is derived from the MSCLK
signal from the DM6582 DSP, or an external 30Mhz
crystal. The UART 1.8432MHz clock will be obtained
by division. When the operating frequency of the
DM6583 controller changes, the divider should be
changed accordingly. This divider is specified by the
Configuration Register which can be written by the
DM6583 controller. The address mapping of the
register is D400H: (DM6583 controller memory
mapping)
Bit 0: Always 0.
Bit 6-1: define the clock divider range from 2 to 64
(even number).
Bit 7: Not used.
UART Baud Generator Divisor Latch Register:
Address EC00H
Read only
bit7
bit6
bit5
bit4
bit3
bit2
bit1 bit0
dat7 dat6 dat5 dat4 dat3 dat2 dat1 dat0
By reading this register, the micro-controller can
monitor the value of the low byte divisor latch of the
virtual UART baud generator (see DLL in next
section) and determine the baud rate clock itself.
Modem Status Control Register (MSCR):
Address E000H
Write only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0000/CTS /DSR /DCD
/RI
This register contains information about the line
status of the modem. The available signals are Ring
Detect (/RI), Carrier Detect (/DCD), Data Set Ready
(/DSR) and Clear To Send (/CTS).
Modem Output Port Register: Address D000H
Write only
bit7
bit6
bit5
bit4 bit3
bit2
bit1
bit0
/Voice Voice
-sel2
Voice
-Sel1
/POR
These 4 bits control the DM6583 output ports.
PnP Isolation & Resource Data Port: Address
F800H
Write only
The PnP isolation and resource data can be byte-
sequentially written to the corresponding memory
through this register.
Auto-configuration Register: Address F400H
bit2 bit1 bit0 IRQ bit5 bit4 bit3 I/O
0
0
0
3
0
0
0
03F8-03FF(COM1)
0
0
1
4
0
0
1
02F8-02FF(COM2)
0
1
0
5
0
1
0
03E8-03EF(COM3)
0
1
1
7
0
1
1
02E8-02EF(COM4)
1
0
0
10
1
0
0
03F0-03F7(COM5)
1
0
1
11
1
0
1
02F0-02F7(COM6)
1
1
0
12
1
1
0
03E0-03E7(COM7)
1
1
1
15
1
1
1
02E0-02E7(COM8)
The default I/O base and IRQ data stored in 93C46 is
loaded to this register by the micro-controller. The
micro-controller can also get the current I/O base
and IRQ information settings by performing a read
from this register. The configuration determined by
this register will be disabled when the register
detects the Initiation Key described in the next
section.
Bit 6: This bit is set to inform micro-controller that the
current I/O base and IRQ data should be stored to
93C46 as the default setting for the next power-on
reset through programming the Auto-configuration
Register. This bit will be cleared by micro-controller.
Bit 7: When bit 7 is set, it enables the hardware
configuration to be set according to bit 0-bit 5
(Jumperless mode) and loads the proper value into
the PnP Registers including I/O and Interrupt
Configuration Registers. This bit will be reset, when it
receives PnP Initiation Key sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com