Electronic Components Datasheet Search
  English  ▼

X  

D780232 Datasheet(PDF) 2 Page - NEC

Part # D780232
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780232 Datasheet(HTML) 2 Page - NEC

  D780232 Datasheet HTML 1Page - NEC D780232 Datasheet HTML 2Page - NEC D780232 Datasheet HTML 3Page - NEC D780232 Datasheet HTML 4Page - NEC D780232 Datasheet HTML 5Page - NEC D780232 Datasheet HTML 6Page - NEC D780232 Datasheet HTML 7Page - NEC D780232 Datasheet HTML 8Page - NEC D780232 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
µPD780232
Data Sheet U13415EJ2V0DS
78K/0 SERIES LINEUP
The products in the 78K/0 Series are listed below. The names enclosed in boxes are subseries names.
Remark VFD (Vacuum Fluorescent Display) is referred to as FIP™ (Fluorescent Indicator Panel) in some
documents, but the functions of the two are the same.
PD78054 with added IEBusTM controller. EMI-noise reduced.
64-pin
64-pin
80-pin
80-pin
80-pin
EMI-noise reduced version of the PD78054
PD78018F with added UART and D/A converter and enhanced I/O
PD780034A
PD780988
PD780034AY
µ
µ
µ
64-pin
PD780024A with expanded RAM capacity
PD780024A with enhanced A/D converter
µ
µ
µ
µ
On-chip inverter controller and UART. EMI-noise reduced.
PD78064
PD78064B
PD780308
100-pin
100-pin
100-pin
PD780308Y
PD78064Y
80-pin
78K/0
Series
LCD drive
PD78064 with enhanced SIO, and expanded ROM, RAM capacity
EMI-noise reduced version of the PD78064
Basic subseries for LCD drive, on-chip UART
Bus interface supported
µ
µ
µ
µ
µ
µ
µ
µ
PD78083
PD78018F
PD78018FY
PD78014H
EMI-noise reduced version of the PD78018F
Basic subseries for control
On-chip UART, capable of operating at low voltage (1.8 V)
µ
µ
µ
µ
42-/44-pin
64-pin
64-pin
PD78018F with enhanced serial I/O
µ
µ
80-pin
PD78054 with enhanced serial I/O
100-pin
100-pin
Products in mass production
Products under development
Y subseries products are compatible with I2C bus.
PD78054 with added timer and enhanced external interface
ROMless version of the PD78078
µ
100-pin
PD78078Y with enhanced serial I/O and limited function
µ
100-pin
EMI-noise reduced version of the PD78078
µ
µ
Inverter control
PD780208
100-pin
VFD drive
PD78044F with enhanced I/O and VFD C/D. Display output total: 53
µ
µ
PD780208
µ
PD78098B
µ
100-pin
PD780024A
PD780024AY
µ
µ
80-pin
80-pin
PD780852
PD780824
µ
µ
For automobile meter driver. On-chip DCAN controller
100-pin
PD780958
µ
For industrial meter control
On-chip automobile meter controller/driver
Meter control
80-pin
PD780701Y
On-chip DCAN/IEBus controller
µ
80-pin
PD780833Y
On-chip controller compliant with J1850 (Class 2)
µ
PD780948
On-chip DCAN controller
µ
64-pin
PD780078
PD780078Y
µ
µ
PD780034A with added timer and enhanced serial I/O
PD78054
PD78054Y
PD78058F
PD78058FY
µ
µ
µ
µ
PD780058
PD780058Y
µ
µ
PD78070A
PD78070AY
PD78078
PD78078Y
PD780018AY
µ
µ
µ
µ
µ
Control
PD78075B
µ
PD780065
µ
µ
PD78044H
PD780232
80-pin
80-pin
For panel control. On-chip VFD C/D. Display output total: 53
PD78044F with added N-ch open-drain I/O. Display output total: 34
µ
µ
PD78044F
80-pin
Basic subseries for VFD drive. Display output total: 34
µ
µ
120-pin
PD780308 with enhanced display capacity and timer. Segment signal output: 40 pins max.
PD780318
PD780328
120-pin
120-pin
PD780308 with enhanced display capacity and timer. Segment signal output: 32 pins max.
PD780308 with enhanced display capacity and timer. Segment signal output: 24 pins max.
µ
µ
PD780338
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com