Electronic Components Datasheet Search
  English  ▼

X  

D780232 Datasheet(PDF) 39 Page - NEC

Part # D780232
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780232 Datasheet(HTML) 39 Page - NEC

Back Button D780232 Datasheet HTML 35Page - NEC D780232 Datasheet HTML 36Page - NEC D780232 Datasheet HTML 37Page - NEC D780232 Datasheet HTML 38Page - NEC D780232 Datasheet HTML 39Page - NEC D780232 Datasheet HTML 40Page - NEC D780232 Datasheet HTML 41Page - NEC D780232 Datasheet HTML 42Page - NEC D780232 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
µPD780232
Data Sheet U13415EJ2V0DS
Serial Transfer Timing
3-wire serial mode:
2-wire serial mode:
A/D Converter Characteristics (TA = –40 to +85
°C, AVDD = VDD = 4.0 to 5.5 V, AVSS = VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
8
bit
Overall errorNote 1
±1.0
%
Conversion timeNote 2 tCONV
14
µs
Analog input voltage
VIAN
AVSS
AVDD
V
Notes 1. Quantization error (
±1/2LSB) is not included. This parameter is indicated as the ratio to the full-scale
value.
2. Set the A/D conversion time to 14
µs or more.
SCK1
SI1
SO1
Input data
Output data
tR2
tF2
tSIK1, 2
tKL1, 2
tKCY1, 2
tKH1, 2
tKSI1, 2
tKSO1, 2
tKCY3,4
tKSO3,4
SCK3
SO3
tKH3,4
tF4
tR4
tKL3,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com