Electronic Components Datasheet Search
  English  ▼

X  

D780232 Datasheet(PDF) 28 Page - NEC

Part # D780232
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780232 Datasheet(HTML) 28 Page - NEC

Back Button D780232 Datasheet HTML 24Page - NEC D780232 Datasheet HTML 25Page - NEC D780232 Datasheet HTML 26Page - NEC D780232 Datasheet HTML 27Page - NEC D780232 Datasheet HTML 28Page - NEC D780232 Datasheet HTML 29Page - NEC D780232 Datasheet HTML 30Page - NEC D780232 Datasheet HTML 31Page - NEC D780232 Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
28
µPD780232
Data Sheet U13415EJ2V0DS
11. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply voltage
VDD
–0.3 to +6.5
V
VLOAD
VDD – 45 to VDD + 0.3
V
AVDD
–0.3 to VDD + 0.3
V
AVSS
–0.3 to +0.3
V
Input voltage
VI1
P00 to P02, P20 to P27, X1, X2, RESET
–0.3 to VDD + 0.3
V
VI2
P50 to P57, P60 to P64
P-ch open drain
VDD – 45 to VDD + 0.3
V
Output voltage
VO1
–0.3 to VDD + 0.3
V
VO2
VDD – 45 to VDD + 0.3
V
Analog input voltage
VAN
ANI0 to ANI3
Analog input pins
AVSS to AVDD
V
Output current, high
IOH
Per pin for P00 to P02 and P20 to P27
–10
mA
Total for P00 to P02 and P20 to P27
–30
mA
Per pin for FIP0 to FIP23, P30 to P37, P40 to P47,
–30
mA
P50 to P57, and P60 to P64
Total for FIP0 to FIP23, P30 to P37, P40 to P47,
Peak value
–300
mA
P50 to P57, and P60 to P64
rms value
–120
mA
Output current, low
IOLNote 1
Per pin for P00 to P02 and P20 to P27
Peak value
10
mA
rms value
5
mA
Total for P00 to P02 and P20 to P27
Peak value
20
mA
rms value
10
mA
Total power
PTNote 2
TA = –40 to +60
°C
700
mW
dissipation
TA = +60 to +85
°C
500
mW
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–40 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product is
on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of port
pins.
Notes 1. The rms value should be calculated as follows: [rms value] = [Peak value]
× √Duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com