Electronic Components Datasheet Search
  English  ▼

X  

D780232 Datasheet(PDF) 3 Page - NEC

Part # D780232
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D780232 Datasheet(HTML) 3 Page - NEC

  D780232 Datasheet HTML 1Page - NEC D780232 Datasheet HTML 2Page - NEC D780232 Datasheet HTML 3Page - NEC D780232 Datasheet HTML 4Page - NEC D780232 Datasheet HTML 5Page - NEC D780232 Datasheet HTML 6Page - NEC D780232 Datasheet HTML 7Page - NEC D780232 Datasheet HTML 8Page - NEC D780232 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
µPD780232
Data Sheet U13415EJ2V0DS
The major functional differences among the subseries are shown below.
Function
Timer
8-Bit 10-Bit 8-Bit
Serial Interface
I/O
External
Subseries Name
8-Bit 16-Bit Watch WDT
A/D
A/D
D/A
Expansion
Control
µPD78075B 32 K to 40 K 4 ch 1 ch 1 ch 1 ch 8 ch
–
2 ch 3 ch (UART: 1 ch)
88
1.8 V
√
µPD78078 48 K to 60 K
µPD78070A
–
61
2.7 V
µPD780058 24 K to 60 K 2 ch
3 ch (time-division UART: 1 ch)
68
1.8 V
µPD78058F 48 K to 60 K
3 ch (UART: 1 ch)
69
2.7 V
µPD78054 16 K to 60 K
2.0 V
µPD780065 40 K to 48 K
–
4 ch (UART: 1 ch)
60
2.7 V
µPD780078 48 K to 60 K
2 ch
–
8 ch
3 ch (UART: 2 ch)
52
1.8 V
µPD780034A 8 K to 32 K
1 ch
3 ch (UART: 1 ch)
51
µPD780024A
8 ch
–
µPD78014H
2 ch
53
µPD78018F 8 K to 60 K
µPD78083 8 K to 16 K
––
1 ch (UART: 1 ch)
33
–
Inverter
µPD780988 16 K to 60 K 3 ch Note
–
1 ch
–
8 ch
–
3 ch (UART: 2 ch)
47
4.0 V
√
control
VFD
µPD780208 32 K to 60 K 2 ch 1 ch 1 ch 1 ch 8 ch
––
2 ch
74
2.7 V
–
drive
µPD780232 16 K to 24 K 3 ch
––
4 ch
40
4.5 V
µPD78044H 32 K to 48 K 2 ch 1 ch 1 ch
8 ch
1 ch
68
2.7 V
µPD78044F 16 K to 40 K
2 ch
LCD
µPD780338 48 K to 60 K 3 ch 2 ch 1 ch 1 ch
–
10 ch 1 ch 2 ch (UART: 1 ch)
54
1.8 V
–
drive
µPD780328
62
µPD780318
70
µPD780308 48 K to 60 K 2 ch 1 ch
8 ch
––
3 ch (time-division UART: 1 ch)
57
2.0 V
µPD78064B 32 K
2 ch (UART: 1 ch)
µPD78064 16 K to 32 K
Bus
µPD780948 60 K
2 ch
2 ch
1 ch
1 ch
8 ch
––
3 ch (UART: 1 ch)
79
4.0 V
√
interface
supported µPD78098B 40 K to 60 K
1 ch
2 ch
69
2.7 V
–
Meter
µPD780958 48 K to 60 K 4 ch 2 ch
–
1 ch
–––
2 ch (UART: 1 ch)
69
2.2 V
–
control
Dash-
µPD780852 32 K to 40 K 3 ch 1 ch 1 ch 1 ch 5 ch
––
3 ch (UART: 1 ch)
56
4.0 V
–
board
control
µPD780824 32 K to 60 K
2 ch (UART: 1 ch)
59
Note
16-bit timer: 2 channels
10-bit timer: 1 channel
VDD
MIN.
Value
ROM
Capacity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com