Electronic Components Datasheet Search
  English  ▼

X  

IRF7335D1 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7335D1
Description  Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1 Datasheet(HTML) 3 Page - International Rectifier

  IRF7335D1 Datasheet HTML 1Page - International Rectifier IRF7335D1 Datasheet HTML 2Page - International Rectifier IRF7335D1 Datasheet HTML 3Page - International Rectifier IRF7335D1 Datasheet HTML 4Page - International Rectifier IRF7335D1 Datasheet HTML 5Page - International Rectifier IRF7335D1 Datasheet HTML 6Page - International Rectifier IRF7335D1 Datasheet HTML 7Page - International Rectifier IRF7335D1 Datasheet HTML 8Page - International Rectifier IRF7335D1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRF7335D1
www.irf.com
3
Fig 3. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 5. Typical Transfer Characteristics
Fig 6. Typical Transfer Characteristics
Q1 - Control FET
Q2 - Synchronous FET & Schottky
Typical Characteristics
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.25V 20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
12V
10V
8.0V
4.5V
3.5V
3.0V
2.5V
BOTTOM 2.25V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
2.25V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
12V
10V
8.0V
4.5V
3.5V
3.0V
2.5V
BOTTOM 2.25V
2.0
3.0
4.0
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.0V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
5.0V
4.5V
3.0V
2.7V
2.5V
2.2V
BOTTOM 2.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
2.0V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
3.0V
2.7V
2.5V
2.2V
BOTTOM 2.0V
2.0
2.5
3.0
3.5
4.0
4.5
VGS, Gate-to-Source Voltage (V)
0.0
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com