Electronic Components Datasheet Search
  English  ▼

X  

IRF7335D1 Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7335D1
Description  Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7335D1 Datasheet HTML 3Page - International Rectifier IRF7335D1 Datasheet HTML 4Page - International Rectifier IRF7335D1 Datasheet HTML 5Page - International Rectifier IRF7335D1 Datasheet HTML 6Page - International Rectifier IRF7335D1 Datasheet HTML 7Page - International Rectifier IRF7335D1 Datasheet HTML 8Page - International Rectifier IRF7335D1 Datasheet HTML 9Page - International Rectifier IRF7335D1 Datasheet HTML 10Page - International Rectifier IRF7335D1 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRF7335D1
www.irf.com
7
Fig 25. Maximum Drain Current Vs.CaseTemperature
Fig. 28. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 27a&b. Basic Gate Charge Test Circuit
and Waveform
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
QG
QGS
QGD
VG
Charge
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-V
DD
Fig 26a. Switching Time Test Circuit
Fig 26b. Switching Time Waveforms
25
50
75
100
125
150
TJ , Junction Temperature (°C)
0
2
4
6
8
10
12
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com